Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8099 Datasheet (PDF) - ON Semiconductor

AND8099 Datasheet PDF - ON Semiconductor
Part # AND8099
Download  AND8099 Download
File Size   215.5 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 V, 2.0 A Flyback Converter

AND8099 Datasheet (PDF)

Go To PDF Page Download Datasheet
AND8099 Datasheet PDF - ON Semiconductor

Part # AND8099
Download  AND8099 Click to download

File Size   215.5 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 V, 2.0 A Flyback Converter

AND8099 Datasheet (HTML) - ON Semiconductor




Similar Part No. - AND8099

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8090 ONSEMI-AND8090 Datasheet
896Kb / 20P
AC Characteristics of ECL Devices
November, 2003 ??Rev. 1
AND8090D ONSEMI-AND8090D Datasheet
896Kb / 20P
AC Characteristics of ECL Devices
November, 2003 ??Rev. 1
AND8090D ONSEMI-AND8090D Datasheet
156Kb / 11P
3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
AND8094 ONSEMI-AND8094 Datasheet
27Kb / 2P
Three New Tiny Switches Facilitate Video Switching
April, 2003 - Rev. 1
AND8094D ONSEMI-AND8094D Datasheet
27Kb / 2P
Three New Tiny Switches Facilitate Video Switching
April, 2003 - Rev. 1
More results


Similar Description - AND8099

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Bel Fuse Inc.
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
logo
Fairchild Semiconductor
AN9008 FAIRCHILD-AN9008 Datasheet
130Kb / 9P
The Use of QFETs in a Flyback Converter
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
19-Sep-2017
logo
Texas Instruments
LM5180 TI1-LM5180 Datasheet
1Mb / 39P
PSR Flyback Converter With 100-V, 1.5-A Integrated Power MOSFET
logo
STMicroelectronics
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com