Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-EP Datasheet (PDF) - Bourns Electronic Solutions

POE-EP Datasheet PDF - Bourns Electronic Solutions
Part # POE-EP
Download  POE-EP Download
File Size   1007.89 Kbytes
Page   8 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description POE-EP & POE-PD Series - PoE DC/DC Transformers

POE-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
POE-EP Datasheet PDF - Bourns Electronic Solutions

Part # POE-EP
Download  POE-EP Click to download

File Size   1007.89 Kbytes
Page   8 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description POE-EP & POE-PD Series - PoE DC/DC Transformers

POE-EP Datasheet (HTML) - Bourns Electronic Solutions


POE-EP Product details

Features
- Surface mount
- Power from 12 to 72 W
- Output voltage from 3.3 to 12 V
- Operating temperature: -40 °C up to +165 °C
(See General Specifications for specific ranges)
- RoHS compliant*

Applications
- VoIP phones
- WLAN APs
- Security IP cameras
- Routers
- Gateways




Similar Part No. - POE-EP

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
POE-EXT-GD-HP TYCONSYSTEMS-POE-EXT-GD-HP Datasheet
396Kb / 2P
Gigabit 802.3at PoE Extender
More results


Similar Description - POE-EP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Coilcraft lnc.
FA2671-AL COILCRAFT-FA2671-AL Datasheet
191Kb / 1P
PoE Transformers
logo
Linear Technology
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
logo
NIC-Components Corp.
NLTM NIC-NLTM Datasheet
123Kb / 3P
POE Transformers
logo
Linear Technology
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
30W PoE PD and DC-DC Controller
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Bourns Electronic Solut...
POE-FD BOURNS-POE-FD Datasheet
1Mb / 6P
POE-FD Series - PoE DC/DC Transformers
Mar 31, 2015
logo
Murata Manufacturing Co...
MYBSP01206AZFT MURATA1-MYBSP01206AZFT Datasheet
12Mb / 13P
Isolated DC-DC converter for PoE PD
2018
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com