Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-FD Datasheet (PDF) - Bourns Electronic Solutions

POE-FD Datasheet PDF - Bourns Electronic Solutions
Part # POE-FD
Download  POE-FD Download
File Size   1032.23 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description POE-FD Series - PoE DC/DC Transformers

POE-FD Datasheet (PDF)

Go To PDF Page Download Datasheet
POE-FD Datasheet PDF - Bourns Electronic Solutions

Part # POE-FD
Download  POE-FD Click to download

File Size   1032.23 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description POE-FD Series - PoE DC/DC Transformers

POE-FD Datasheet (HTML) - Bourns Electronic Solutions


POE-FD Product details

Features
- Surface mount
- Power from 25 to 60 W
- Output voltage from 5 to 12 V
- Operating temperature: -40 °C up to +105 °C
- RoHS compliant*

Applications
- VoIP phones
- WLAN APs
- Security IP cameras
- Routers
- Gateways




Similar Part No. - POE-FD

ManufacturerPart #DatasheetDescription
logo
Jonard Tools.
POE-1 JONARD-POE-1 Datasheet
758Kb / 1P
PoE & Cable Testing Tool
logo
SUNNY Computer Technolo...
POE-1215-M3 SUNNY-POE-1215-M3 Datasheet
761Kb / 2P
Desktop
POE-2424-M3 SUNNY-POE-2424-M3 Datasheet
761Kb / 2P
Desktop
logo
Laird Tech Smart Techno...
POE-48I4S-AFI LSTD-POE-48I4S-AFI Datasheet
1Mb / 2P
Remote networking equipment
POE-48ID LSTD-POE-48ID Datasheet
760Kb / 2P
FCC and CE approved
More results


Similar Description - POE-FD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DA2420-AL COILCRAFT-DA2420-AL Datasheet
81Kb / 1P
PoE Transformers
FA2671-AL COILCRAFT-FA2671-AL Datasheet
191Kb / 1P
PoE Transformers
POE60F-18L COILCRAFT-POE60F-18L Datasheet
202Kb / 2P
Flyback Transformers for PoE
POE300F-33L COILCRAFT-POE300F-33L Datasheet
205Kb / 2P
PoE Plus Transformers
logo
NIC-Components Corp.
NLTM NIC-NLTM Datasheet
123Kb / 3P
POE Transformers
logo
Coilcraft lnc.
DA2420 COILCRAFT-DA2420_13 Datasheet
106Kb / 1P
PoE Transformers
POE60F-18L COILCRAFT-POE60F-18L_13 Datasheet
156Kb / 2P
Flyback Transformers for PoE
POE600F COILCRAFT-POE600F_15 Datasheet
414Kb / 2P
60 W PoE Transformers
logo
Central Technologies
CTPTF CT-CTPTF Datasheet
554Kb / 3P
SMD PoE Power Transformers
logo
Bourns Electronic Solut...
POE-EP BOURNS-POE-EP Datasheet
1,007Kb / 8P
POE-EP & POE-PD Series - PoE DC/DC Transformers
Mar 31, 2015
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com