Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIW40N65RA Datasheet (PDF) - Micro Commercial Components

MIW40N65RA Datasheet PDF - Micro Commercial Components
Part # MIW40N65RA
Download  MIW40N65RA Download
File Size   1573.01 Kbytes
Page   10 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Trench and Field Stop IGBT 650V 40A

MIW40N65RA Datasheet (PDF)

Go To PDF Page Download Datasheet
MIW40N65RA Datasheet PDF - Micro Commercial Components

Part # MIW40N65RA
Download  MIW40N65RA Click to download

File Size   1573.01 Kbytes
Page   10 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Trench and Field Stop IGBT 650V 40A

MIW40N65RA Datasheet (HTML) - Micro Commercial Components


MIW40N65RA Product details

Features
• Low switching losses
• Maximum junction temperature 175°C
• Positive temperature coefficient
• High ruggedness, temperature stable
• High short circuit capability(5μs)
• Halogen Free. “Green” Device (Note 1)
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
Compliant. See Ordering Information)

Applications
• High frequency switching application
• Medical applications
• Uninterruptible power supply
• Motion/servo control




Similar Part No. - MIW40N65RA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MIW40N120 MCC-MIW40N120 Datasheet
2Mb / 6P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-05072020
MIW40N120-BP MCC-MIW40N120-BP Datasheet
2Mb / 6P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-05072020
MIW40N120FLA MCC-MIW40N120FLA Datasheet
4Mb / 7P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
MIW40N120FLA-BP MCC-MIW40N120FLA-BP Datasheet
4Mb / 7P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
More results


Similar Description - MIW40N65RA

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT80TS65D ROHM-RGT80TS65D Datasheet
733Kb / 12P
650V 40A Field Stop Trench IGBT
RGS80TS65D ROHM-RGS80TS65D Datasheet
905Kb / 13P
650V 40A Field Stop Trench IGBT
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
650V 40A Field Stop Trench IGBT
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
650V 40A Field Stop Trench IGBT
RGTH80TS65D ROHM-RGTH80TS65D Datasheet
1Mb / 13P
650V 40A Field Stop Trench IGBT
RGS80TS65HR ROHM-RGS80TS65HR Datasheet
405Kb / 10P
650V 40A Field Stop Trench IGBT
2019.02 - Rev.A
RGTV80TS65 ROHM-RGTV80TS65 Datasheet
974Kb / 10P
650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGTV80TS65D ROHM-RGTV80TS65D Datasheet
1Mb / 12P
650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGW80TK65 ROHM-RGW80TK65 Datasheet
1Mb / 10P
650V 40A Field Stop Trench IGBT
2017.10 - Rev.A
RGW80TK65E ROHM-RGW80TK65E Datasheet
1Mb / 12P
650V 40A Field Stop Trench IGBT
2018.03 - Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com