Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIW40N120 Datasheet (PDF) - Micro Commercial Components

MIW40N120 Datasheet PDF - Micro Commercial Components
Part # MIW40N120
Download  MIW40N120 Download
File Size   2055.09 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Trench and Field Stop IGBT 1200V 40A

MIW40N120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIW40N120 Datasheet PDF - Micro Commercial Components

Part # MIW40N120
Download  MIW40N120 Click to download

File Size   2055.09 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Trench and Field Stop IGBT 1200V 40A

MIW40N120 Datasheet (HTML) - Micro Commercial Components


MIW40N120 Product details

Features
• Low Vce(sat),Fast Switching
• Vce(sat) with Positive Temperature Coefficient
• High Ruggedness, Good Thermal Stability
• Very Tight Parameter Distribution
• Halogen Free
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
Compliant. See Ordering Information)




Similar Part No. - MIW40N120

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MIW40N120FLA MCC-MIW40N120FLA Datasheet
4Mb / 7P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
MIW40N120FLA-BP MCC-MIW40N120FLA-BP Datasheet
4Mb / 7P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
More results


Similar Description - MIW40N120

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
1200V Field Stop Trench IGBT
HIL40N120TF SEMIHOW-HIL40N120TF Datasheet
909Kb / 8P
1200V Field Stop Trench IGBT
HIL40N120VF SEMIHOW-HIL40N120VF Datasheet
851Kb / 8P
1200V Field Stop Trench IGBT
logo
Rohm
RGS80TSX2 ROHM-RGS80TSX2 Datasheet
926Kb / 10P
1200V 40A Field Stop Trench IGBT
RGS80TSX2D ROHM-RGS80TSX2D Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
logo
Micro Commercial Compon...
MIW15N120FA MCC-MIW15N120FA Datasheet
1Mb / 7P
Trench and Field Stop IGBT 1200V 15A
Rev.3-1-02192022
MIW40N65RA MCC-MIW40N65RA Datasheet
1Mb / 10P
Trench and Field Stop IGBT 650V 40A
Rev.3-1-06122022
MIW40N120FLA MCC-MIW40N120FLA Datasheet
4Mb / 7P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
logo
Rohm
RGS80TSX2DHR ROHM-RGS80TSX2DHR Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
2020.09 - Rev.C
RGS80TSX2HR ROHM-RGS80TSX2HR Datasheet
902Kb / 10P
1200V 40A Field Stop Trench IGBT
2020.06 - Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com