Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGS80TSX2DHR Datasheet (PDF) - Rohm

RGS80TSX2DHR Datasheet PDF - Rohm
Part # RGS80TSX2DHR
Download  RGS80TSX2DHR Download
File Size   1043.93 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1200V 40A Field Stop Trench IGBT

RGS80TSX2DHR Datasheet (PDF)

Go To PDF Page Download Datasheet
RGS80TSX2DHR Datasheet PDF - Rohm

Part # RGS80TSX2DHR
Download  RGS80TSX2DHR Click to download

File Size   1043.93 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1200V 40A Field Stop Trench IGBT

RGS80TSX2DHR Datasheet (HTML) - Rohm


RGS80TSX2DHR Product details

Features
1) Low Collector - Emitter Saturation Voltage
2) Short Circuit Withstand Time 10μs
3) Qualified to AEC-Q101
4) Built in Very Fast & Soft Recovery FRD
5) Pb - free Lead Plating ; RoHS Compliant

Application
General Inverter
for Automotive and Industrial Use




Similar Part No. - RGS80TSX2DHR

ManufacturerPart #DatasheetDescription
logo
Rohm
RGS80TSX2D ROHM-RGS80TSX2D Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
More results


Similar Description - RGS80TSX2DHR

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
1200V Field Stop Trench IGBT
HIL40N120TF SEMIHOW-HIL40N120TF Datasheet
909Kb / 8P
1200V Field Stop Trench IGBT
HIL40N120VF SEMIHOW-HIL40N120VF Datasheet
851Kb / 8P
1200V Field Stop Trench IGBT
logo
Rohm
RGCL80TK60D ROHM-RGCL80TK60D Datasheet
909Kb / 13P
600V 40A Field Stop Trench IGBT
RGS80TS65D ROHM-RGS80TS65D Datasheet
905Kb / 13P
650V 40A Field Stop Trench IGBT
RGS80TSX2 ROHM-RGS80TSX2 Datasheet
926Kb / 10P
1200V 40A Field Stop Trench IGBT
RGS80TSX2D ROHM-RGS80TSX2D Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
logo
Micro Commercial Compon...
MIW40N120 MCC-MIW40N120 Datasheet
2Mb / 6P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-05072020
MIW40N120FLA MCC-MIW40N120FLA Datasheet
4Mb / 7P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
logo
Rohm
RGS80TSX2HR ROHM-RGS80TSX2HR Datasheet
902Kb / 10P
1200V 40A Field Stop Trench IGBT
2020.06 - Rev.B
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com