Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS14HL Datasheet (PDF) - Micro Commercial Components

SS14HL Datasheet PDF - Micro Commercial Components
Part # SS14HL
Download  SS14HL Download
File Size   1118.49 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Schottky Rectifier 40 Volts

SS14HL Datasheet (PDF)

Go To PDF Page Download Datasheet
SS14HL Datasheet PDF - Micro Commercial Components

Part # SS14HL
Download  SS14HL Click to download

File Size   1118.49 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Schottky Rectifier 40 Volts

SS14HL Datasheet (HTML) - Micro Commercial Components


SS14HL Product details

Features
• Halogen Free. “Green” Device (Note 1)
• Low Power Losses, High Efficiency
• Low profile package
• Lead Free Finish/RoHS Compliant(Note 2) ("P" Suffix Designates
Compliant. See Ordering Information)
• Epoxy Meets UL 94 V-0 Flammability Rating
• Moisture Sensitivity Level 1




Similar Part No. - SS14HL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS14H FRONTIER-SS14H Datasheet
127Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zowie Technology Corpor...
SS14H ZOWIE-SS14H Datasheet
82Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
SS14HE ONSEMI-SS14HE Datasheet
189Kb / 6P
Surface Mount Schottky Barrier Rectifiers
January, 2021 ??Rev. 3
SS14HE ONSEMI-SS14HE Datasheet
179Kb / 6P
Surface Mount Schottky Barrier Rectifiers 1 A, 30 V - 60 V
August, 2023 - Rev. 5
logo
TECH PUBLIC Electronics...
SS14HE TECHPUBLIC-SS14HE Datasheet
1Mb / 4P
Schottky barrier diode
More results


Similar Description - SS14HL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS120 MCC-UPS120 Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
UPS120E MCC-UPS120E Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
UPS5817 MCC-UPS5817 Datasheet
101Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
logo
Solid States Devices, I...
SPD5817SM SSDI-SPD5817SM Datasheet
152Kb / 2P
1 AMP 20 - 40 VOLTS SCHOTTKY RECTIFIER
SPD5817 SSDI-SPD5817 Datasheet
177Kb / 2P
1 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
B5817W MCC-B5817W Datasheet
368Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5819WSL MCC-B5819WSL Datasheet
355Kb / 3P
1 Amp Schottky Barrier Rectifier 40 Volts
SM5819L2 MCC-SM5819L2 Datasheet
522Kb / 3P
1 Amp Schottky Barrier Rectifier 40 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com