Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS16HL Datasheet (PDF) - Micro Commercial Components

SS16HL Datasheet PDF - Micro Commercial Components
Part # SS16HL
Download  SS16HL Download
File Size   1050.54 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Schottky Rectifier 60 Volts

SS16HL Datasheet (PDF)

Go To PDF Page Download Datasheet
SS16HL Datasheet PDF - Micro Commercial Components

Part # SS16HL
Download  SS16HL Click to download

File Size   1050.54 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Schottky Rectifier 60 Volts

SS16HL Datasheet (HTML) - Micro Commercial Components


SS16HL Product details

Features
• Halogen Free. “Green” Device (Note 1)
• Low Power Losses, High Efficiency
• Low profile package
• Lead Free Finish/RoHS Compliant(Note 2) ("P" Suffix Designates
Compliant. See Ordering Information)
• Epoxy Meets UL 94 V-0 Flammability Rating
• Moisture Sensitivity Level 1




Similar Part No. - SS16HL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS16H FRONTIER-SS16H Datasheet
127Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zowie Technology Corpor...
SS16H ZOWIE-SS16H Datasheet
82Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
SS16HE ONSEMI-SS16HE Datasheet
189Kb / 6P
Surface Mount Schottky Barrier Rectifiers
January, 2021 ??Rev. 3
SS16HE ONSEMI-SS16HE Datasheet
179Kb / 6P
Surface Mount Schottky Barrier Rectifiers 1 A, 30 V - 60 V
August, 2023 - Rev. 5
logo
Comchip Technology
SS16HE-HF COMCHIP-SS16HE-HF Datasheet
479Kb / 4P
SMD Schottky Barrier Rectifiers
REV:A
More results


Similar Description - SS16HL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106 Datasheet
78Kb / 3P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
logo
Solid States Devices, I...
SED15HB60 SSDI-SED15HB60 Datasheet
219Kb / 2P
15 AMP 60 VOLTS SCHOTTKY RECTIFIER
SED60KB100 SSDI-SED60KB100 Datasheet
107Kb / 2P
60 AMP 100 VOLTS SCHOTTKY RECTIFIER
SSR6010M SSDI-SSR6010M Datasheet
212Kb / 2P
60 AMP 100 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
BSR106WS MCC-BSR106WS Datasheet
182Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
DLSR106 MCC-DLSR106_11 Datasheet
451Kb / 4P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR6045WT KERSEMI-MBR6045WT Datasheet
1Mb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
logo
Micro Analog systems
BSR106WS-TP MAS-BSR106WS-TP Datasheet
195Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
logo
Micro Commercial Compon...
SSL16PL MCC-SSL16PL Datasheet
438Kb / 3P
60 Volts 1 Amp Schottky Rectifiers
SSL16XL MCC-SSL16XL Datasheet
453Kb / 3P
60 Volts 1 Amp Schottky Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com