Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS16HL Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SS16HL
Description  1 Amp Schottky Rectifier 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS16HL Datasheet(HTML) 2 Page - Micro Commercial Components

  SS16HL Datasheet HTML 1Page - Micro Commercial Components SS16HL Datasheet HTML 2Page - Micro Commercial Components SS16HL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCCSEMI.COM
Rev.3-1-03012022
2/3
SS16HL
Curve Characteristics
Curve Characteristics
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Case Temperature (°C)
Resistive or Inductive Load
Fig. 1 - Forward Current Derating Curve
1
100
0
5
10
15
20
25
30
35
8.3 ms Single Half Sine-Wave
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current
10
Number of Cycles at 60 Hz
Fig. 3 - Typical Instantaneous Forward Characteristics
0.02
0.05
0.2
0.5
2
5
0.01
0.1
1
0.1
0.2
0.8
0.9
TJ=125°C
TJ=25°C
TJ=75°C
0.3
0.4
0.5
0.6
0.7
Instantaneous Forward Voltage (V)
20
100
1
10
100
1000
10000
TJ=125°C
TJ=75°C
Fig. 6 - Typical Reverse Leakage Characteristics
TJ=25°C
40
60
80
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com