Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBTF Datasheet (PDF) - Samtec, Inc

EBTF Datasheet PDF - Samtec, Inc
Part # EBTF
Download  EBTF Download
File Size   1270.42 Kbytes
Page   2 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH

EBTF Datasheet (PDF)

Go To PDF Page Download Datasheet
EBTF Datasheet PDF - Samtec, Inc

Part # EBTF
Download  EBTF Click to download

File Size   1270.42 Kbytes
Page   2 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH

EBTF Datasheet (HTML) - Samtec, Inc


EBTF Product details

FEATURES & BENEFITS
ExaMAX® High-Speed Backplane System
• Meets a variety of industry specifications
• Exceeds OIF CEI-28G-LR specification for 28 Gbps standards
• 24 - 72 pair designs (4 and 6 pairs; 6, 8, 10 and 12 columns)
• Wafer design increases isolation for reduced crosstalk
• Press-fit tails provide a reliable electrical connection
ExaMAX® High-Speed Backplane Cable Assemblies
• 30 & 34 AWG Eye Speed® Ultra Low Skew Twinax Cable offers
improved signal integrity, increased flexibility and routability
• Highly customizable with modular flexibility
• Reduce costs due to lower layer counts
• Multiple end options available




Similar Part No. - EBTF

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EBTF-RA SAMTEC-EBTF-RA Datasheet
628Kb / 5P
2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
More results


Similar Description - EBTF

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
S2M SAMTEC-S2M Datasheet
528Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
EBCB SAMTEC-EBCB Datasheet
777Kb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
Rev 02MAR21
EBCM SAMTEC-EBCM Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 30SEP21
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
TCSD SAMTEC-TCSD Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SQW SAMTEC-SQW Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com