Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBTF Datasheet(PDF) 2 Page - Samtec, Inc

Part # EBTF
Description  HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EBTF Datasheet(HTML) 2 Page - Samtec, Inc

  EBTF Datasheet HTML 1Page - Samtec, Inc EBTF Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EBDM
- PAIRS -COLUMNS-2.0- PLATING - RA - 1 - GUIDANCE - SCREWMOUNT
–6
= 6 Pairs
–06, –08,
–10, –12
–S
= 30 µ" (0.76 µm) Gold
on contact area, Matte
Tin on tails
(Leave Blank for no Pin)
–G
= Guide Pin
(Leave Blank for no
Screw Mount)
–S
= Screw Mount
View complete specifications at:
samtec.com?EBDM-RA
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
(2.00 mm) .0787" PITCH • RIGHT-ANGLE SOCKET & DIRECT-MATE ORTHOGONAL
EBTF
- NO.OFPAIRS
PER COLUMN
-COLUMNS- COLUMN
PITCH
- PLATING - RA - 1 - GUIDANCE - KEYING
–4
= 4 Pairs
–6
= 6 Pairs
–06, –08,
–10, –12
(-12 column
only available
in -6 pairs)
–2.0
= (2.0 mm)
.0787"
–S
= 30 µ"
(0.76 µm)
Gold on
contact area,
Matte Tin on
tails
(Leave Blank for no
Guidance)
–L
= Left Guidance
–R
= Right Guidance
(Only with –L or –R Guidance;
Leave Blank for no Keying)
–A thru –H
= Position of Flat on Key
(See Table)
EBTF-RA
Board Mates:
EBTM,
EBDM-RA
Cable Mates:
EBCM
NO. OF
PAIRS
PER
COLUMN
B
D
E
–4
(22.50)
.886
(28.40)
1.118
(17.90)
.705
–6
(29.70)
1.169
(35.60)
1.402
(25.10)
.988
A
B
C
(3.95)
.156
DIA
(10.40)
.409
E
D
(7.30)
.287
(4.60)
.181
NO. OF
COLUMNS
A
C
–06
(12.90) .508
(18.85) .742
–08
(16.90) .665
(22.85) .900
–10
(20.90) .823
(26.85) 1.057
–12
(24.90) .980
(30.85) 1.215
KEYING (-RA)
–L / –R
–A
–B
–C
–D
–E
–F
–G
–H
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
View complete specifications at:
samtec.com?EBTF-RA
EBDM-RA
Board Mates:
EBTF-RA
Cable Mates:
EBCF
COLUMNS
A
B
C (without –G) D (with –G)
E
–06
(16.15) .636
(10.00) .394
(15.00) .591
(20.65) .813
(8.00) .315
–08
(20.15) .793
(14.00) .551
(19.00) .748
(24.65) .970
(12.00) .472
–10
(24.15) .951
(18.00) .709
(23.00) .906
(28.65) 1.128
(16.00) .630
–12
(28.15) 1.108
(22.00) .866
(27.00) 1.063
(32.65) 1.285
(20.00) .787
(2.20)
.087
(10.00)
.394
(32.40) 1.276
(39.30) 1.547
D
E
A
B
C
(4.00)
.157
(2.60)
.102
(15.00)
.591
Notes:
Some lengths, styles and options
are non-standard, non-returnable.
ExaMAX® is a registered trademark of AFCI.
F-221 (Rev 27JAN22)
samtec.com/ExaMAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com