Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5162YMM Datasheet (PDF) - Micrel Semiconductor

MIC5162YMM Datasheet PDF - Micrel Semiconductor
Part # MIC5162YMM
Download  MIC5162YMM Download
File Size   151.65 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Regulator Controller For High-Speed Bus Termination

MIC5162YMM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5162YMM Datasheet PDF - Micrel Semiconductor

Part # MIC5162YMM
Download  MIC5162YMM Click to download

File Size   151.65 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Regulator Controller For High-Speed Bus Termination

MIC5162YMM Datasheet (HTML) - Micrel Semiconductor


MIC5162YMM Product details

General Description
The MIC5162 is a dual regulator controller designed for highspeed bus termination. It offers a simple, low-cost JEDEC compliant solution for terminating high-speed, low-voltage digital buses (i.e. DDR, SCSI, GTL, SSTL, HSTL, LV-TTL, Rambus, LV-PECL, LV-ECL, etc).
The MIC5162 controls two external N-Channel MOSFETs to form two separate regulators. It operates by switching between either the high-side MOSFET or the low-side MOSFET depending on whether the current is being sourced to the load or sinked by the regulator.

Features
• JEDEC Compliant Bus Termination for SCSI, GTL, SSTL, HSTL, LV-TTL, Rambus, LV-PECL, LV-ECL, etc.
• DDR memory termination
• Tracking programmable output
• Requires minimal external components
• Wide bandwidth
• Input voltage range: 1.35V to 6V
• Logic controlled enable input
• Tiny MSOP-10 package
• Available –40°C < TJ < +125°C

Applications
• Desktop computers
• Notebook computers
• Communication systems
• Video cards




Similar Part No. - MIC5162YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5162YMM MICREL-MIC5162YMM Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
More results


Similar Description - MIC5162YMM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6553 FAIRCHILD-ML6553 Datasheet
115Kb / 7P
Bus Termination Regulator
logo
Winbond
W83310S-R WINBOND-W83310S-R Datasheet
324Kb / 14P
Bus Termination Regulator
W83310S-R2 WINBOND-W83310S-R2 Datasheet
473Kb / 13P
Bus Termination Regulator
logo
Micrel Semiconductor
MIC5164 MICREL-MIC5164 Datasheet
1Mb / 23P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
logo
Winbond
W83310DS-A WINBOND-W83310DS-A Datasheet
644Kb / 15P
Bus Termination Regulator
W83310S-N WINBOND-W83310S-N Datasheet
376Kb / 12P
Bus Termination Regulator
W83310U WINBOND-W83310U Datasheet
326Kb / 13P
Bus Termination Regulator
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162_10 Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
logo
Analog Microelectronics
AME9172M AME-AME9172M Datasheet
122Kb / 15P
Bus Termination Regulator
logo
Nuvoton Technology Corp...
NCT3101S NUVOTON-NCT3101S Datasheet
669Kb / 20P
Bus Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com