Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5164 Datasheet (PDF) - Micrel Semiconductor

MIC5164 Datasheet PDF - Micrel Semiconductor
Part # MIC5164
Download  MIC5164 Download
File Size   1114.77 Kbytes
Page   23 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination

MIC5164 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5164 Datasheet PDF - Micrel Semiconductor

Part # MIC5164
Download  MIC5164 Click to download

File Size   1114.77 Kbytes
Page   23 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination

MIC5164 Datasheet (HTML) - Micrel Semiconductor


MIC5164 Product details

General Description
The MIC5164 is a dual regulator controller designed for high speed bus termination. It offers a simple, low-cost JEDEC-compliant solution for terminating high-speed, lowvoltage digital buses (i.e. DDR, DDR2, DDR3, SCSI, GTL, SSTL, HSTL, LV-TTL, Rambus, LV-PECL, LV-ECL, etc) with a Power Good (PG) signal.
The MIC5164 controls two external N-Channel MOSFETs to form two separate regulators. It operates by switching between either the high-side MOSFET or the low-side MOSFET depending on whether the current is being sourced to the load or sunk by the regulator.

Features
• Input voltage range: 1.35V to 6V
• Up to 7A VTT Current
• Tracking programmable output
• Power Good (PG) signal
• Wide bandwidth
• Logic controlled enable input
• Requires minimal external components
• DDR, DDR2, DDR3, memory termination
• −40°C < TJ < +125°C
• JEDEC-compliant bus termination for SCSI, GTL, SSTL, HSTL, LV-TTL, Rambus, LV-PECL, LV-ECL, etc
• Tiny MSOP-10 package

Applications
• Desktop computers
• Notebook computers
• Communication systems
• Video cards
• DDR/DDR2/DDR3 memory termination




Similar Part No. - MIC5164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162 Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
MIC5162 MICREL-MIC5162 Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
MIC5162BMM MICREL-MIC5162BMM Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
MIC5162YMM MICREL-MIC5162YMM Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
MIC5162YMM MICREL-MIC5162YMM Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
More results


Similar Description - MIC5164

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
logo
California Micro Device...
CM3109 CALMIRCO-CM3109 Datasheet
542Kb / 12P
2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162 Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
logo
Linear Technology
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
logo
Rohm
BD3538FVM ROHM-BD3538FVM Datasheet
126Kb / 5P
Regulator IC for Memory Termination
logo
Micrel Semiconductor
MIC5165 MICREL-MIC5165 Datasheet
973Kb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
MIC5163 MICREL-MIC5163_09 Datasheet
452Kb / 15P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
MIC5162 MICREL-MIC5162_10 Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
logo
Linear Technology
LTC3831-1 LINER-LTC3831-1_15 Datasheet
274Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831 LINER-LTC3831_15 Datasheet
219Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com