Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8FS-G10015CD Datasheet (PDF) - Omron Electronics LLC

S8FS-G10015CD Datasheet PDF - Omron Electronics LLC
Part # S8FS-G10015CD
Download  S8FS-G10015CD Download
File Size   7316.97 Kbytes
Page   34 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)

S8FS-G10015CD Datasheet (PDF)

Go To PDF Page Download Datasheet
S8FS-G10015CD Datasheet PDF - Omron Electronics LLC

Part # S8FS-G10015CD
Download  S8FS-G10015CD Click to download

File Size   7316.97 Kbytes
Page   34 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)

S8FS-G10015CD Datasheet (HTML) - Omron Electronics LLC


S8FS-G10015CD Product details

Superior Basic Performance That
Ensures Reliability. Wide Range
of Standards Certification and
Greater Usability.
• Superior basic performance that ensures reliability
Ambient temperatures up to 70°C, greater
resistance to rusting with aluminum/stainless steel
case, and applications at altitudes up to 3,000 m.
• Certification for Global Standards
North America: UL 508 (Listing)*, CSA C22.2
Europe: Overvoltage Category III (EN 50178)
EMI: Class B (EN 61204-3)
No need for control circuit transformers for which the
Machinery Directive is specified. (EN/IEC 61558-2-16)
* Refer to pages 4 to 10 for certified models.
• Greater Usability
The Terminal Block Cover prevents screws from
dropping out and the Front Cover prevents
ingress of foreign matter.




Similar Part No. - S8FS-G10015CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8FS-C OMRON-S8FS-C Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
S8FS-C01505D OMRON-S8FS-C01505D Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
S8FS-C01505J OMRON-S8FS-C01505J Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
S8FS-C01512D OMRON-S8FS-C01512D Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
S8FS-C01512J OMRON-S8FS-C01512J Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
More results


Similar Description - S8FS-G10015CD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-050 SANYO-STK400-050 Datasheet
532Kb / 9P
AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
logo
List of Unclassifed Man...
SP15 ETC1-SP15 Datasheet
314Kb / 2P
15 AND 30 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP15U-0522T VOLGEN-SP15U-0522T Datasheet
319Kb / 2P
15 AND 30 WATT TRIIPLE OUTPUT MODELS
logo
CUI INC
VDRS-100 CUI-VDRS-100 Datasheet
268Kb / 4P
100 W MINI POWER SUPPLY
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
List of Unclassifed Man...
FSA150018A ETC2-FSA150018A Datasheet
175Kb / 3P
150 W ITE Open Frame Power Supply
logo
Bel Fuse Inc.
110RCM150-24DMQFK BEL-110RCM150-24DMQFK Datasheet
3Mb / 14P
150 /300 W DC-DC Converters
logo
Microchip Technology
VRF2933 MICROCHIP-VRF2933 Datasheet
438Kb / 14P
50 V, 300 W, 150 MHz RF Power MOSFET
Rev. A - 02/2022
logo
Omron Electronics LLC
S8VK-T OMRON-S8VK-T Datasheet
4Mb / 20P
Switch Mode Power Supply (120/240/480/960 W Models)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com