Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS-100 Datasheet (PDF) - CUI INC

VDRS-100 Datasheet PDF - CUI INC
Part # VDRS-100
Download  VDRS-100 Download
File Size   268.97 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 100 W MINI POWER SUPPLY

VDRS-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
VDRS-100 Datasheet PDF - CUI INC

Part # VDRS-100
Download  VDRS-100 Click to download

File Size   268.97 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 100 W MINI POWER SUPPLY

VDRS-100 Datasheet (HTML) - CUI INC




Similar Part No. - VDRS-100

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDRS-100 CUI-VDRS-100 Datasheet
592Kb / 4P
AC-DC DIN RAIL
01/10/2017
VDRS-100-12 CUI-VDRS-100-12 Datasheet
592Kb / 4P
AC-DC DIN RAIL
01/10/2017
VDRS-100-15 CUI-VDRS-100-15 Datasheet
592Kb / 4P
AC-DC DIN RAIL
01/10/2017
VDRS-100-24 CUI-VDRS-100-24 Datasheet
592Kb / 4P
AC-DC DIN RAIL
01/10/2017
VDRS-100-48 CUI-VDRS-100-48 Datasheet
592Kb / 4P
AC-DC DIN RAIL
01/10/2017
More results


Similar Description - VDRS-100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-130 SANYO-STK401-130 Datasheet
299Kb / 8P
Two-Channel AF Power Amplifier (- Power Supply) 100 W 100 W Minimum, THD = 0.4%???
STK4044II SANYO-STK4044II Datasheet
63Kb / 3P
AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.4%)?
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4044XI SANYO-STK4044XI Datasheet
192Kb / 6P
AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.008%)?
logo
CUI INC
VDRS-10 CUI-VDRS-10 Datasheet
191Kb / 4P
10 W MINI POWER SUPPLY
VDRS-20 CUI-VDRS-20 Datasheet
186Kb / 4P
20 W MINI POWER SUPPLY
VDRS-40 CUI-VDRS-40 Datasheet
197Kb / 4P
40 W MINI POWER SUPPLY
VDRS-60 CUI-VDRS-60 Datasheet
297Kb / 4P
60 W MINI POWER SUPPLY
logo
Schneider Electric
BMXCPS2000 SCHNEIDER-BMXCPS2000 Datasheet
132Kb / 4P
power supply module X80 - 100..240 V AC - 20 W
Aug 11, 2019
BMXCPS3500 SCHNEIDER-BMXCPS3500 Datasheet
166Kb / 5P
power supply module X80 - 100..240 V AC - 36 W
Apr 18, 2022
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com