Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS-10 Datasheet (PDF) - CUI INC

VDRS-10 Datasheet PDF - CUI INC
Part # VDRS-10
Download  VDRS-10 Download
File Size   191.78 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 10 W MINI POWER SUPPLY

VDRS-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
VDRS-10 Datasheet PDF - CUI INC

Part # VDRS-10
Download  VDRS-10 Click to download

File Size   191.78 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 10 W MINI POWER SUPPLY

VDRS-10 Datasheet (HTML) - CUI INC


VDRS-10 Product details

FEATURES

•universal AC input

•installs on DIN rail

•brown out protection

•short circuit, over load, over voltage protection

•long life 105°C electrolytic capacitors

•operating temperature up to 70°C

•can withstand 5G of vibration

•true DC OK signal output

•meets EISA / efficiency level IV regulations




Similar Part No. - VDRS-10

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDRS-100 CUI-VDRS-100 Datasheet
268Kb / 4P
100 W MINI POWER SUPPLY
VDRS-100 CUI-VDRS-100 Datasheet
592Kb / 4P
AC-DC DIN RAIL
01/10/2017
VDRS-100-12 CUI-VDRS-100-12 Datasheet
268Kb / 4P
100 W MINI POWER SUPPLY
VDRS-100-12 CUI-VDRS-100-12 Datasheet
592Kb / 4P
AC-DC DIN RAIL
01/10/2017
VDRS-100-15 CUI-VDRS-100-15 Datasheet
268Kb / 4P
100 W MINI POWER SUPPLY
More results


Similar Description - VDRS-10

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
10 W Power Supply using DPA423P
DI-23 POWERINT-DI-23 Datasheet
512Kb / 2P
10 W, Multi-output, High Speed Modem Power Supply
logo
CUI INC
VDRS-20 CUI-VDRS-20 Datasheet
186Kb / 4P
20 W MINI POWER SUPPLY
VDRS-40 CUI-VDRS-40 Datasheet
197Kb / 4P
40 W MINI POWER SUPPLY
VDRS-60 CUI-VDRS-60 Datasheet
297Kb / 4P
60 W MINI POWER SUPPLY
VDRS-100 CUI-VDRS-100 Datasheet
268Kb / 4P
100 W MINI POWER SUPPLY
logo
M/A-COM Technology Solu...
MAAP-010169 MA-COM-MAAP-010169 Datasheet
231Kb / 6P
10 W Power Amplifier
MAAP-010168-V1 MA-COM-MAAP-010168-V1 Datasheet
224Kb / 6P
10 W Power Amplifier
logo
Artesyn Technologies
AXA02F18-L ARTESYN-AXA02F18-L Datasheet
415Kb / 2P
Total Power: 10 W
logo
PHOENIX CONTACT
2866297 PHOENIX-2866297 Datasheet
89Kb / 7P
Power supply unit - MINI-PS-100-240AC/10-15DC/8
09/12/2020
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com