Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-23 Datasheet (PDF) - Power Integrations, Inc.

DI-23 Datasheet PDF - Power Integrations, Inc.
Part # DI-23
Download  DI-23 Download
File Size   512.14 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 10 W, Multi-output, High Speed Modem Power Supply

DI-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-23 Datasheet PDF - Power Integrations, Inc.

Part # DI-23
Download  DI-23 Click to download

File Size   512.14 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 10 W, Multi-output, High Speed Modem Power Supply

DI-23 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DI-23

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-22 POWERINT-DI-22 Datasheet
44Kb / 2P
70 W, 19 V External Laptop Adapter
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-25 POWERINT-DI-25 Datasheet
483Kb / 2P
30 W DC-DC Converter with Synchronous Rectification
More results


Similar Description - DI-23

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
Multi Output Power Supply Regulator
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
MULTI OUTPUT POWER SUPPLY
logo
Vishay Siliconix
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
Multi-Output Power-Supply Controller
03-Apr-00
logo
Power Integrations, Inc...
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
10.5 W Multi Output Isolated Power Supply using TNY267P
DER-96 POWERINT-DER-96 Datasheet
1Mb / 33P
10 W Power Supply using DPA423P
DI-16 POWERINT-DI-16 Datasheet
67Kb / 2P
57 W, 230 VAC, Multi-output Set-top Box Power Supply
logo
CUI INC
VDRS-10 CUI-VDRS-10 Datasheet
191Kb / 4P
10 W MINI POWER SUPPLY
logo
Vishay Siliconix
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
SMBus Multi-Output Power-Supply Controller
16-May-11
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com