Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS-20 Datasheet (PDF) - CUI INC

VDRS-20 Datasheet PDF - CUI INC
Part # VDRS-20
Download  VDRS-20 Download
File Size   186.7 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 20 W MINI POWER SUPPLY

VDRS-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
VDRS-20 Datasheet PDF - CUI INC

Part # VDRS-20
Download  VDRS-20 Click to download

File Size   186.7 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 20 W MINI POWER SUPPLY

VDRS-20 Datasheet (HTML) - CUI INC


VDRS-20 Product details

FEATURES

•universal AC input

•installs on DIN rail

•brown out protection

•short circuit, over load, over voltage protection

•long life 105°C electrolytic capacitors

•operating temperature up to 70°C

•can withstand 5G of vibration

•true DC OK signal output

•meets EISA / efficiency level IV regulations




Similar Part No. - VDRS-20

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDRS-20 CUI-VDRS-20 Datasheet
378Kb / 4P
AC-DC DIN RAIL
08/23/2012
VDRS-20-12 CUI-VDRS-20-12 Datasheet
378Kb / 4P
AC-DC DIN RAIL
08/23/2012
VDRS-20-15 CUI-VDRS-20-15 Datasheet
378Kb / 4P
AC-DC DIN RAIL
08/23/2012
VDRS-20-24 CUI-VDRS-20-24 Datasheet
378Kb / 4P
AC-DC DIN RAIL
08/23/2012
VDRS-20 CUI-VDRS-20_V01 Datasheet
378Kb / 4P
AC-DC DIN RAIL
08/23/2012
More results


Similar Description - VDRS-20

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-030 SANYO-STK401-030 Datasheet
257Kb / 8P
AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK4024II SANYO-STK4024II Datasheet
103Kb / 4P
AF Power Amplifier (Split Power Supply) (20 W min, THD = 0.4%)?
STK4024V SANYO-STK4024V Datasheet
328Kb / 5P
AF Power Amplifier (Split Power Supply) (20 W min, THD = 0.08%)
STK4131V SANYO-STK4131V Datasheet
51Kb / 3P
AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.08%)
logo
Power Integrations, Inc...
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
logo
CUI INC
VDRS-10 CUI-VDRS-10 Datasheet
191Kb / 4P
10 W MINI POWER SUPPLY
VDRS-40 CUI-VDRS-40 Datasheet
197Kb / 4P
40 W MINI POWER SUPPLY
VDRS-60 CUI-VDRS-60 Datasheet
297Kb / 4P
60 W MINI POWER SUPPLY
VDRS-100 CUI-VDRS-100 Datasheet
268Kb / 4P
100 W MINI POWER SUPPLY
logo
Schneider Electric
BMXCPS2000 SCHNEIDER-BMXCPS2000 Datasheet
132Kb / 4P
power supply module X80 - 100..240 V AC - 20 W
Aug 11, 2019
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com