Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20373-R30T-06 Datasheet (PDF) - I-PEX Inc.

20373-R30T-06 Datasheet PDF - I-PEX Inc.
Part # 20373-R30T-06
Download  20373-R30T-06 Download
File Size   228.04 Kbytes
Page   2 Pages
Manufacturer  I-PEX [I-PEX Inc.]
Direct Link  https://www.i-pex.com
Logo I-PEX - I-PEX Inc.
Description 0.4mm Pitch Right Angle Stacking Type

20373-R30T-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
20373-R30T-06 Datasheet PDF - I-PEX Inc.

Part # 20373-R30T-06
Download  20373-R30T-06 Click to download

File Size   228.04 Kbytes
Page   2 Pages
Manufacturer  I-PEX [I-PEX Inc.]
Direct Link  https://www.i-pex.com
Logo I-PEX - I-PEX Inc.
Description 0.4mm Pitch Right Angle Stacking Type

20373-R30T-06 Datasheet (HTML) - I-PEX Inc.


20373-R30T-06 Product details

■ Super Slim Micro Coax Connector going through
small hinge hole after cabling
■ Connector Width:3.0mm,
Mating Height:1.85mm(MAX.)
■ W-Point Contact with High mating reliability
■ Soldering connection




Similar Part No. - 20373-R30T-06

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2037 SCHURTER-2037 Datasheet
383Kb / 2P
IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
logo
List of Unclassifed Man...
2037 ETC2-2037 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Heyco.
2037 HEYCO-2037 Datasheet
133Kb / 1P
Snap Bushings
logo
Belden Inc.
2037 BELDEN-2037 Datasheet
528Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
02-03-2025
logo
Keystone Electronics Co...
2037 KEYSTONE-2037 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
More results


Similar Description - 20373-R30T-06

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2864 POMONA-2864 Datasheet
21Kb / 1P
Stacking Right Angle Banana Plug Each End
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
Hirose Electric
TF13 HIROSE-TF13 Datasheet
597Kb / 6P
0.4mm PITCH Back-Flip Type
logo
Japan Aviation Electron...
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
TE Connectivity Ltd
C-2201196 TEC-C-2201196 Datasheet
180Kb / 3P
0.4mm PITCH STACKING CONNECTOR PLUG ASSEMBLY 0.98mm HEIGHT
C-2201197 TEC-C-2201197 Datasheet
237Kb / 3P
0.4mm PITCH STACKING CONNECTOR RECEPTACLE ASSEMBLY 0.98mm HEIGHT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com