Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20373-R30T-06 Datasheet(PDF) 2 Page - I-PEX Inc.

Part # 20373-R30T-06
Description  0.4mm Pitch Right Angle Stacking Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  I-PEX [I-PEX Inc.]
Direct Link  https://www.i-pex.com
Logo I-PEX - I-PEX Inc.

20373-R30T-06 Datasheet(HTML) 2 Page - I-PEX Inc.

  20373-R30T-06 Datasheet HTML 1Page - I-PEX Inc. 20373-R30T-06 Datasheet HTML 2Page - I-PEX Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PLUG
RECEPTACLE
CABLINE
® -SS
RECOMMENDED FOOTPRINT PATTERN
10p
14p
20p
30p
32p
40p
50p
POS.
A
B
C
8.6
9.8
3.6
10.2
11.4
5.2
12.6
13.8
7.6
16.6
17.8
11.6
17.4
18.6 12.4
35p
18.6
19.8 13.6
20.6
21.8 15.6
24.6
25.8 19.6
C
B
Y
Y
A
MATED VIEW
POS.1
1.6
0.7
SOLDERING
POS.n
0.4
IPX
SECT.Y-Y
HOUSING
P/N:20373-R**T-**-*
METAL COVER
P/N:2182-0**-0*-*
SOLDERING AREA
0.8
3.0
RECEPTACLE
POS.
PART NO.
A
B
C
D
E
10p
14p
20p
30p
32p
40p
50p
20374-R50E-31-*
20374-R40E-31-*
20374-R32E-31-*
20374-R30E-31-*
20374-R20E-31-*
20374-R14E-31-*
20374-R10E-31-*
3.6
7.6
9.6
7.2
5.5
5.2
9.2
11.2
8.8
5.5
11.6
15.6
17.6
15.2
8.0
7.6
11.6
13.6
11.2
8.0
12.4 16.4
18.4
16.0
8.0
35p
20374-R35E-31-*
13.6 17.6
19.6
17.2
8.0
15.6 19.6
21.6
19.2
8.0
19.6 23.6
25.6
23.2
8.0
A
0.4
8.0
B
C
E/2
(OFFSET)
(1.0)
Z
Z
NO BURR, MUST BE FLAT
When a product is mounted
don’t pile solder in the upper
surface of FIXING METAL
(2.05)
(0.45)
SECT. Z-Z
2.85
(0.15)
(VACUUM AREA)
VACUUM CLIP
NICKEL BARRIER
(20374-0**E-31-*)
A
0.4
0.2
D
1.4±0.1
±0.05
±0.03
±0.03
±0.03
20380-R10T-06-*
20380-R14T-06-*
20380-R20T-06-*
20380-R30T-06-*
20380-R32T-06-*
20380-R35T-06-*
20380-R40T-16-*
20380-R50T-16-*
PART NO.
Set P/N:
20380-R**T-06-*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com