Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6266 Datasheet (PDF) - MOSA ELECTRONICS

MS6266 Datasheet PDF - MOSA ELECTRONICS
Part # MS6266
Download  MS6266 Download
File Size   441.22 Kbytes
Page   11 Pages
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS
Description 6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation

MS6266 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS6266 Datasheet PDF - MOSA ELECTRONICS

Part # MS6266
Download  MS6266 Click to download

File Size   441.22 Kbytes
Page   11 Pages
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS
Description 6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation

MS6266 Datasheet (HTML) - MOSA ELECTRONICS


MS6266 Product details

DESCRIPTION
The MS6266 is a 6-channel volume controller IC with gain and attenuation. It uses CMOS technology specially for the low voltage application with low noise, rail-to-rail output. The MS6266 provide an I2C control interface with gain / attenuation range of 16dB to -79dB, 1dB/step. The initial condition is set to be maximum attenuation –79dB and mute on mode when the power is on.

FEATURES
• Operation range: 2.7V~5.5V
• Low power consumption
• Gain/Attenuation: 16dB to –79dB at 1dB/step
• Good PSRR
• I2C interface
• Pop noise free
• Housed in SSOP20, SOP20

APPLICATIONS
• Multimedia system
• Hi-Fi audio system
• Car audio
• Portable audio equipment




Similar Part No. - MS6266

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6266 MOSA-MS6266 Datasheet
381Kb / 13P
6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6266GTR MOSA-MS6266GTR Datasheet
381Kb / 13P
6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6266GU MOSA-MS6266GU Datasheet
381Kb / 13P
6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6266SSGTR MOSA-MS6266SSGTR Datasheet
381Kb / 13P
6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6266SSGU MOSA-MS6266SSGU Datasheet
381Kb / 13P
6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
More results


Similar Description - MS6266

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
6 CHANNEL VOLUME CONTROLLER
Dec-2002
logo
List of Unclassifed Man...
MS6257 ETC-MS6257 Datasheet
356Kb / 11P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448_04 Datasheet
382Kb / 14P
6 CHANNEL VOLUME CONTROLLER
Jun-2004
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258_1 Datasheet
405Kb / 17P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260_1 Datasheet
291Kb / 14P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com