Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6266 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6266
Description  6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6266 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6266 Datasheet HTML 1Page - MOSA ELECTRONICS MS6266 Datasheet HTML 2Page - MOSA ELECTRONICS MS6266 Datasheet HTML 3Page - MOSA ELECTRONICS MS6266 Datasheet HTML 4Page - MOSA ELECTRONICS MS6266 Datasheet HTML 5Page - MOSA ELECTRONICS MS6266 Datasheet HTML 6Page - MOSA ELECTRONICS MS6266 Datasheet HTML 7Page - MOSA ELECTRONICS MS6266 Datasheet HTML 8Page - MOSA ELECTRONICS MS6266 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MOSA
MS6266
6-Channel Electronic Volume Controller
REV1
2
www.mosanalog.com.tw
BLOCK DIAGRAM
I2C Interface
Reference
source
-1dB/Step
-10dB/Step
IN1
IN2
GND
SDA
SCL
V
REF
OUT1
IN6
-1dB/Step
-1dB/Step
OUT2
OUT6
AC1
AC2
DGND
V
DD
V
REF
2dB/Step
-10dB/Step
2dB/Step
-10dB/Step
2dB/Step
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
20-Pin SOP
MS6266TR
MS6266
1k Units Tape and Reel
20-Pin SOP
MS6266U
MS6266
35 Units Tube
20-Pin SOP (lead free)
MS6266GTR
MS6266G
1k Units Tape and Reel
20-Pin SOP (lead free)
MS6266GU
MS6266G
35 Units Tube
20-Pin SSOP
MS6266SSTR
MS6266
2.5k Units Tape and Reel
20-Pin SSOP
MS6266SSU
MS6266
50 Units Tube
20-Pin SSOP (lead free)
MS6266SSGTR
MS6266G
2.5k Units Tape and Reel
20-Pin SSOP (lead free)
MS6266SSGU
MS6266G
50 Units Tube
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6
V
VESD
Electrostatic Handling
-3000 to 3000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP20
SSOP20
210
210
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com