Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGC-1/10-R Datasheet (PDF) - Eaton All Rights Reserved.

AGC-1/10-R Datasheet PDF - Eaton All Rights Reserved.
Part # AGC-1/10-R
Download  AGC-1/10-R Download
File Size   953.97 Kbytes
Page   5 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description 1/4” x 1-1⁄4” Fast-acting glass tube fuses

AGC-1/10-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AGC-1/10-R Datasheet PDF - Eaton All Rights Reserved.

Part # AGC-1/10-R
Download  AGC-1/10-R Click to download

File Size   953.97 Kbytes
Page   5 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description 1/4” x 1-1⁄4” Fast-acting glass tube fuses

AGC-1/10-R Datasheet (HTML) - Eaton All Rights Reserved.


AGC-1/10-R Product details

Product features
• Fast-acting
• Optional axial leads available
• 1⁄4” x 1-1⁄4” (6.3 mm x 32 mm) physical size
• Glass tube, nickel-plated brass end cap
construction
• UL Listed product meets standard 248-14

Applications
Primary circuit protection
• Power supplies
• Battery chargers
• Monitors
• Consumer electronics
• Test equipment

Agency information
• UL Listed card: File E19180, Guide JDYX (AGC
1⁄10 A - 10 A)
• UL Recognition card: File E19180, Guide JDYX2
(AGC 11 A - 40 A)
• CSA Component acceptance card (Class No.
1422-30)
• CSA Certification acceptance card (Class No.
1422--01)

Ordering code
The ordering code is the part number replacing the
“/” with a “-” plus adding the packaging prefix and
option code.
BK- AGC- V- 1-10- R
Packaging prefix
Product code
Option code
Ampere rating
RoHS compliant

Packaging prefix
• Blank (5 ferrule/cartridge parts in a 5 inch tin,
4 axial lead parts in a 5 inch tin)
• BK- (100 parts packed into a cardboard carton
with flaps folded)

Option code
• -B- (Board washable - Hermetically sealed to
withstand aqueous cleaning)
• -V- (Axial leads - copper tinned wire with
nickel-plated brass end caps)




Similar Part No. - AGC-1/10-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
AGC-1/10-R EATON-AGC-1/10-R Datasheet
492Kb / 2P
1/4??x 1 1????Fast-acting glass tube fuses
More results


Similar Description - AGC-1/10-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AGW-212 COOPER-AGW-212 Datasheet
241Kb / 2P
Fast-Acting 1??? x 7??? Glass Tube Fuses
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
BKAGC-2 COOPER-BKAGC-2 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
AGC-V-4 COOPER-AGC-V-4 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1/4 Glass Tube Fuses AGC Series
ABC-10A COOPER-ABC-10A Datasheet
279Kb / 2P
1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
AGW-1 COOPER-AGW-1_13 Datasheet
215Kb / 2P
Fast-Acting 1/4??x 7/8??Glass Tube Fuses
logo
Eaton All Rights Reserv...
AGC EATON-AGC Datasheet
492Kb / 2P
1/4??x 1 1????Fast-acting glass tube fuses
ABC EATON-ABC Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
AGW EATON-AGW Datasheet
371Kb / 2P
1/4 x 7/8 Fast-acting glass tube fuses
AGX EATON-AGX Datasheet
409Kb / 2P
1/4??x 1??Fast-acting glass tube fuses
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com