Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGC-1/10-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # AGC-1/10-R
Description  1/4” x 1-1⁄4” Fast-acting glass tube fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

AGC-1/10-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  AGC-1/10-R Datasheet HTML 1Page - Eaton All Rights Reserved. AGC-1/10-R Datasheet HTML 2Page - Eaton All Rights Reserved. AGC-1/10-R Datasheet HTML 3Page - Eaton All Rights Reserved. AGC-1/10-R Datasheet HTML 4Page - Eaton All Rights Reserved. AGC-1/10-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data 2543
Effective April 2020
AGC
1/4” x 1-1⁄4” Fast-acting glass tube fuses
www.eaton.com/electronics
Temperature derating curve
General specifications
Operating temperature: -55 °C to +125 °C (with derating)
Shock: 1/10 A to 3/4 A, MIL-STD-202, Method 213, Test Condition I
1 A to 30 A, MIL-STD-202, Method 207, (HI Shock)
Vibration: 1/10 A to 30 A MIL-STD-202, Method 204, Test Condition A (Except 5f, 500HZ)
Ambient temperature (°C)
Dimensions–mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com