Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMNF-R Datasheet (PDF) - PANDUIT CORP.

PMNF-R Datasheet PDF - PANDUIT CORP.
Part # PMNF-R
Download  PMNF-R Download
File Size   73.08 Kbytes
Page   1 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description ELECTRICAL SOLUTIONS

PMNF-R Datasheet (PDF)

Go To PDF Page Download Datasheet
PMNF-R Datasheet PDF - PANDUIT CORP.

Part # PMNF-R
Download  PMNF-R Click to download

File Size   73.08 Kbytes
Page   1 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description ELECTRICAL SOLUTIONS

PMNF-R Datasheet (HTML) - PANDUIT CORP.


PMNF-R Product details

• Ring tongue design assures a secure connection in high vibration
applications
• Metal insulation grip sleeve crimps to wire insulation, providing
protection to the crimp joint during high vibration applications
• Internal barrel serrations assure good wire contact and maximum
tensile strength
• Maximum insulation temperature 221°F (105°C)
• Rated up to 600 V
Type PMNF-R




Similar Part No. - PMNF-R

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PMNF2-3F PANDUIT-PMNF2-3F Datasheet
432Kb / 1P
16-14 BARREL FORK, NYLON INSULATED FUNNELED WIRE ENTRY, .162 (4,11) MAX WIRE INSUL DIA.
PMNF2-5F PANDUIT-PMNF2-5F Datasheet
432Kb / 1P
16-14 BARREL FORK, NYLON INSULATED FUNNELED WIRE ENTRY, .162 (4,11) MAX WIRE INSUL DIA.
More results


Similar Description - PMNF-R

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PCA18-5 PANDUIT-PCA18-5 Datasheet
71Kb / 1P
Network and Electrical Solutions
PCM-77 PANDUIT-PCM-77 Datasheet
100Kb / 1P
Network and Electrical Solutions
WS75-25-C PANDUIT-WS75-25-C Datasheet
72Kb / 1P
ELECTRICAL SOLUTIONS
PRT2S-C PANDUIT-PRT2S-C Datasheet
94Kb / 1P
ELECTRICAL SOLUTIONS
PCM-X4 PANDUIT-PCM-X4 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-52 PANDUIT-PCM-52 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-T1 PANDUIT-PCM-T1 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-106 PANDUIT-PCM-106 Datasheet
100Kb / 1P
Network and Electrical Solutions
logo
Keysight Technologies
N1077A KEYSIGHT-N1077A Datasheet
1Mb / 19P
Electrical and Optical Clock Data Recovery Solutions
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
Industrial Electrical Solutions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com