Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMNF-R Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PMNF-R
Description  ELECTRICAL SOLUTIONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PMNF-R Datasheet(HTML) 1 Page - PANDUIT CORP.

  PMNF-R Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Part Number System for Pan-Term ® Metric Terminals
Insulation
N = Nylon
NF = Nylon
Funnel
V = Vinyl
Wire Range
1 = 0.5 – 1.0mm
2
(22 – 18 AWG)
2 = 1.5 – 2.5mm
2
(16 – 14 AWG)
6 = 4.0 – 6.0mm
2
(12 – 10 AWG)
Stud Size
3 = M3 (#6)
4 = M4 (#8)
5 = M5 (#10)
6 = M6 (1/4)
8 = M8 (5/16)
R = Ring
F = Fork
B = Butted
Seam
Std. Pkg. Size
X= 10
E= 20
Q= 25
L= 50
C = 100
PM
V
1
B
C
Tongue Configuration
Special Configuration
R
3
Metric Ring Terminal, Nylon Insulated – Funnel Entry
• Ring tongue design assures a secure connection in high vibration
applications
• Metal insulation grip sleeve crimps to wire insulation, providing
protection to the crimp joint during high vibration applications
• Internal barrel serrations assure good wire contact and maximum
tensile strength
• Maximum insulation temperature 221°F (105°C)
• Rated up to 600 V
For crimping tool information, see pages D1.84 and D1.88.
Type PMNF-R
C
L
W
Type
PM = Pan-Term ®
Metric
Part Number
Wire
Range
(mm2)
Color
Code
Max.
Ins.
(mm)
Stud
Size
Figure Dimensions
(mm)
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
L
W
C
PMNF1-3R-C
0.5 – 1.0
Red
3.76
M3
19.3
5.8
5.3
CT-1550,
CT-2500
100
500
PMNF1-4R-C
3.76
M4
21.6
7.9
6.4
100
500
PMNF1-5R-C
3.76
M5
21.8
8.9
6.4
100
500
PMNF1-6R-C
3.76
M6
26.7
10.9
9.7
100
500
PMNF2-3R-C
1.5 – 2.5
Blue
4.11
M3
19.4
5.9
4.8
CT-1550,
CT-2500
100
500
PMNF2-4R-C
4.11
M4
21.8
7.9
7.4
100
500
PMNF2-5R-C
4.11
M5
22.4
8.9
7.4
100
500
PMNF2-6R-L
4.11
M6
26.5
10.9
10.7
50
500
PMNF6-3R-L
4.0 – 6.0
Yellow
5.94
M3
26.7
5.8
9.1
CT-1550,
CT-2500
50
250
PMNF6-4R-L
5.94
M4
27.4
7.9
9.1
50
250
PMNF6-5R-L
5.94
M5
27.4
9.7
9.1
50
250
PMNF6-6R-L
5.94
M6
30.2
10.9
10.9
50
250
PMNF6-8R-L
5.94
M8
31.5
13.2
10.9
50
250


Similar Part No. - PMNF-R

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PMNF2-3F PANDUIT-PMNF2-3F Datasheet
432Kb / 1P
16-14 BARREL FORK, NYLON INSULATED FUNNELED WIRE ENTRY, .162 (4,11) MAX WIRE INSUL DIA.
PMNF2-5F PANDUIT-PMNF2-5F Datasheet
432Kb / 1P
16-14 BARREL FORK, NYLON INSULATED FUNNELED WIRE ENTRY, .162 (4,11) MAX WIRE INSUL DIA.
More results

Similar Description - PMNF-R

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PCA18-5 PANDUIT-PCA18-5 Datasheet
71Kb / 1P
Network and Electrical Solutions
PCM-77 PANDUIT-PCM-77 Datasheet
100Kb / 1P
Network and Electrical Solutions
WS75-25-C PANDUIT-WS75-25-C Datasheet
72Kb / 1P
ELECTRICAL SOLUTIONS
PRT2S-C PANDUIT-PRT2S-C Datasheet
94Kb / 1P
ELECTRICAL SOLUTIONS
PCM-X4 PANDUIT-PCM-X4 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-52 PANDUIT-PCM-52 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-T1 PANDUIT-PCM-T1 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-106 PANDUIT-PCM-106 Datasheet
100Kb / 1P
Network and Electrical Solutions
logo
Keysight Technologies
N1077A KEYSIGHT-N1077A Datasheet
1Mb / 19P
Electrical and Optical Clock Data Recovery Solutions
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
Industrial Electrical Solutions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com