Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0215WT-7 Datasheet (PDF) - Diodes Incorporated

DGD0215WT-7 Datasheet PDF - Diodes Incorporated
Part # DGD0215WT-7
Download  DGD0215WT-7 Download
File Size   655.39 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.9A HIGH SPEED SINGLE GATE DRIVER

DGD0215WT-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD0215WT-7 Datasheet PDF - Diodes Incorporated

Part # DGD0215WT-7
Download  DGD0215WT-7 Click to download

File Size   655.39 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.9A HIGH SPEED SINGLE GATE DRIVER

DGD0215WT-7 Datasheet (HTML) - Diodes Incorporated


DGD0215WT-7 Product details

Features
Efficient Low Cost Solution for Driving MOSFETs and IGBTs
Wide Supply Voltage Operating Range: 4.5V to 18V
1.9A Source / 1.8A Sink Output Current Capability
Inverting and Non-Inverting Input Configurations
Fast Propagation Delay (35ns typ)
Fast Rise and Fall Times (15ns typ)
Logic Input (IN and IN*) 3.3V Capability
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control

Applications
DC-DC converters
Line drivers
Motor controls
Switch mode power supplies




Similar Part No. - DGD0215WT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0211C DIODES-DGD0211C Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
DGD0211CWT-7 DIODES-DGD0211CWT-7 Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
logo
TECH PUBLIC Electronics...
DGD0211CWT-TP TECHPUBLIC-DGD0211CWT-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
Diodes Incorporated
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
DGD0211CWTQ-7 DIODES-DGD0211CWTQ-7 Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results


Similar Description - DGD0215WT-7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
Single 2A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Diodes Incorporated
DGD0211C DIODES-DGD0211C Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com