Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0506 Datasheet (PDF) - Diodes Incorporated

DGD0506 Datasheet PDF - Diodes Incorporated
Part # DGD0506
Download  DGD0506 Download
File Size   914.33 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME

DGD0506 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD0506 Datasheet PDF - Diodes Incorporated

Part # DGD0506
Download  DGD0506 Click to download

File Size   914.33 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME

DGD0506 Datasheet (HTML) - Diodes Incorporated


DGD0506 Product details

Features
50V Floating High-Side Driver
Drives Two N-Channel MOSFETs in a Half-Bridge
Configuration
1.25A Source / 2.0A Sink Output Current Capability
Internal Bootstrap Schottky Diode Included
Undervoltage Lockout for High-Side and Low-Side Drivers
Programmable Deadtime to Protect MOSFETs
Logic Input (IN and EN) 3.3V Capability
Ultra Low Standby Currents (<1μA)
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control

Applications
DC-DC Converters
Motor Controls
Battery Powered Hand Tools
eCig Devices
Class-D Power Amplifiers




Similar Part No. - DGD0506

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD05062 DIODES-DGD05062 Datasheet
669Kb / 12P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 1
DGD05062FN-7 DIODES-DGD05062FN-7 Datasheet
669Kb / 12P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 1
DGD0506A DIODES-DGD0506A Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
DGD0506A DIODES-DGD0506A Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD0506AFN-7 DIODES-DGD0506AFN-7 Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
More results


Similar Description - DGD0506

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Monolithic Power System...
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Diodes Incorporated
DGD05062 DIODES-DGD05062 Datasheet
669Kb / 12P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 1
DGD0506A DIODES-DGD0506A Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
DGD05463 DIODES-DGD05463 Datasheet
777Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 4
DGD0506A DIODES-DGD0506A_V01 Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD05463 DIODES-DGD05463_V01 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 6 - 2 July 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com