Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0506 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD0506
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0506 Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD0506 Datasheet HTML 1Page - Diodes Incorporated DGD0506 Datasheet HTML 2Page - Diodes Incorporated DGD0506 Datasheet HTML 3Page - Diodes Incorporated DGD0506 Datasheet HTML 4Page - Diodes Incorporated DGD0506 Datasheet HTML 5Page - Diodes Incorporated DGD0506 Datasheet HTML 6Page - Diodes Incorporated DGD0506 Datasheet HTML 7Page - Diodes Incorporated DGD0506 Datasheet HTML 8Page - Diodes Incorporated DGD0506 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DGD0506
Document number: DS38740 Rev. 8 - 3
2 of 14
www.diodes.com
June 2021
© Diodes Incorporated
DGD0506
Marking Information
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Low-Side and Logic Supply
2
VB
High-Side Floating Supply
3
HO
High-Side Gate Drive Output
4
VS
High-Side Floating Supply Return
5
NC
No Connect (No Internal Connection)
6
DT
Deadtime Control
7
EN
Logic Input Enable, a Logic Low turns off Gate Driver
8
IN
Logic Input for High-Side and Low-Side Gate Driver Outputs (HO and LO), in Phase with HO
9
COM
Low-Side and Logic Return
10
LO
Low-Side Gate Drive Output
PAD
Substrate
Connect to COM on PCB
YYWW
DGD0506
Top View: V-DFN3030-10
DGD0506 = Product Type Marking Code
YY = Year (ex: 21 = 2021)
WW = Week (01 to 53)
YYWW-
DGD0506
DGD0506 = Product Type Marking Code
YY = Year (ex: 21 = 2021)
WW- = Week (01 to 53)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com