Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0506 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # DGD0506
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0506 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button DGD0506 Datasheet HTML 6Page - Diodes Incorporated DGD0506 Datasheet HTML 7Page - Diodes Incorporated DGD0506 Datasheet HTML 8Page - Diodes Incorporated DGD0506 Datasheet HTML 9Page - Diodes Incorporated DGD0506 Datasheet HTML 10Page - Diodes Incorporated DGD0506 Datasheet HTML 11Page - Diodes Incorporated DGD0506 Datasheet HTML 12Page - Diodes Incorporated DGD0506 Datasheet HTML 13Page - Diodes Incorporated DGD0506 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DGD0506
Document number: DS38740 Rev. 8 - 3
12 of 14
www.diodes.com
June 2021
© Diodes Incorporated
DGD0506
Application Information (continued)
Pre-Bias Resistor between Vs and COM
This technique eliminates the inrush current, altogether, by pre-charging the capacitor to a value close to VCC before the DGD0506 is enabled and
an input signal is applied. By pre-charging the capacitor to VCC only a small steady state current flows through the internal diode eliminating the
need for any external diode. The recommended range for the Rs is 10kΩ to 100kΩ.
External Diode and Resistor
To enable appropriate current sharing and limit the internal bootstrap current to less than 400mA, a Schottky diode must be used as an external
diode. The voltage drop across the external diode and resistor must be limited to 2.4V, to limit the internal diode’s current share to <400mA. Hence
it is important to choose an appropriate external diode and resistor combination. At any observed inrush current peak, it is important that the
combined voltage drop of the external resistor and diode is less than 2.4V.
For internal diode current to be <400mA; (IINRUSH * REXT) + (VfEXT @ IINRUSH) < 2.4V.
Figure 30. Current into the boost-strap capacitance is
shared between the external diode and the internal Diode
Figure 29. Inrush current is greatly limited by pre-
charging the boost-strap Capacitor through Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com