Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0506 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # DGD0506
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0506 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button DGD0506 Datasheet HTML 6Page - Diodes Incorporated DGD0506 Datasheet HTML 7Page - Diodes Incorporated DGD0506 Datasheet HTML 8Page - Diodes Incorporated DGD0506 Datasheet HTML 9Page - Diodes Incorporated DGD0506 Datasheet HTML 10Page - Diodes Incorporated DGD0506 Datasheet HTML 11Page - Diodes Incorporated DGD0506 Datasheet HTML 12Page - Diodes Incorporated DGD0506 Datasheet HTML 13Page - Diodes Incorporated DGD0506 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DGD0506
Document number: DS38740 Rev. 8 - 3
11 of 14
www.diodes.com
June 2021
© Diodes Incorporated
DGD0506
Application Information
Bootstrap Capacitor Selection
The capacitance of the bootstrap capacitor should be high enough to provide the charge required by the gate of the high side MOSFET with only a
minimal loss of voltage across it. As a general guideline, it is recommended to make sure the charge stored by the bootstrap capacitor is about 50
times more than the required gate charge at operating VCC(usually about 10V to 12V).
The formula to calculate the change in VBS to provide a certain amount of gate charge is shown below;
Q = C * V where Q is the gate charge required by the external MOSFET to raise its gate voltage to 10V. C is the bootstrap capacitance and V is
the voltage drop across the Vbs.
Example: To switch a high side MOSFET that requires 20nC of gate charge to raise its gate voltage to 10V, the capacitor size can be calculated
as below;
QG(MOSFET) = C(BOOTSTRAP) * ∆VBS ;
∆
VBS = voltage drop acorss the bootstrap capacitor while providing the required gate charge.
In this example, let’s say the acceptable ∆VBS is 200mV.
The required bootstrap capacitor for the job is;
C(BOOTSTRAP) = QG(MOSFET)/ ∆VBS = 20nC/200mV = 100nF
Bootstrap Diode Current
The DGD0506 comes with an integrated bootstrap Schottky diode. The forward characteristics of the diode is shown in the figure 28. The
maximum recommended operating current is 400mA pulsed. Under steady state conditions the only current flowing through the internal diode is
the charge current required by the high-side MOSFET’s gate capacitance, however, it is important to cover applications where the inrush current
exceeds this rating. In such applications to limit the current flowing through the internal diode to the recommended value, two techniques are
suggested as shown in figures 29 and 30.
Figure 28. DGD0506 ‘Internal Diode + Internal Resistor’ VF vs. IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com