Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTR2105F Datasheet (PDF) - Diodes Incorporated

ZXTR2105F Datasheet PDF - Diodes Incorporated
Part # ZXTR2105F
Download  ZXTR2105F Download
File Size   410.91 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V INPUT, 5V 15mA REGULATOR TRANSISTOR

ZXTR2105F Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTR2105F Datasheet PDF - Diodes Incorporated

Part # ZXTR2105F
Download  ZXTR2105F Click to download

File Size   410.91 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V INPUT, 5V 15mA REGULATOR TRANSISTOR

ZXTR2105F Datasheet (HTML) - Diodes Incorporated


ZXTR2105F Product details

Features
Series Linear Regulator Using Emitter-Follower Stage
Input Voltage = 7V to 60V (For regulated output Voltage)
Output Voltage = 5V ± 5%
Fully Integrated into a SOT23 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (ZXTR2105FQ)

Applications
Supply voltage regulation for:
12V to 5V Rails
24V to 5V Rails
Other Customized Input Rails




Similar Part No. - ZXTR2105F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2105F DIODES-ZXTR2105F_15 Datasheet
455Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
Rev 5
More results


Similar Description - ZXTR2105F

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8051 BELLING-BL8051 Datasheet
555Kb / 7P
60V Input / 5V Output Linear Regulator
logo
Diodes Incorporated
ZXTR2005Z DIODES-ZXTR2005Z Datasheet
179Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 1
ZXTR2005K DIODES-ZXTR2005K Datasheet
278Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005K DIODES-ZXTR2005K_15 Datasheet
278Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005Z DIODES-ZXTR2005Z_15 Datasheet
343Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 3
ZXTR2105F DIODES-ZXTR2105F_15 Datasheet
455Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
Rev 5
ZXTR2108F DIODES-ZXTR2108F Datasheet
491Kb / 7P
60V INPUT, 8V 15mA REGULATOR TRANSISTOR
Rev 1
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 3
ZXTR2005P5 DIODES-ZXTR2005P5_17 Datasheet
465Kb / 7P
100V INPUT, 5V 40mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005Z DIODES-ZXTR2005Z_17 Datasheet
367Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com