Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1088500 Datasheet (PDF) - PHOENIX CONTACT

1088500 Datasheet PDF - PHOENIX CONTACT
Part # 1088500
Download  1088500 Download
File Size   915.32 Kbytes
Page   34 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse modular terminal block - PT 10-FSI/C-LED 24

1088500 Datasheet (PDF)

Go To PDF Page Download Datasheet
1088500 Datasheet PDF - PHOENIX CONTACT

Part # 1088500
Download  1088500 Click to download

File Size   915.32 Kbytes
Page   34 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse modular terminal block - PT 10-FSI/C-LED 24

1088500 Datasheet (HTML) - PHOENIX CONTACT


1088500 Product details

Fuse modular terminal block, fuse type: Flat, fuse type: C, nom. voltage: 400 V, nominal current:
30 A, connection method: Push-in connection, 1 level, Rated cross section: 10 mm2, cross
section: 0.5 mm2- 16 mm2, mounting type: NS 35/7,5, NS 35/15, color: black




Similar Part No. - 1088500

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1088500 TURCK-1088500 Datasheet
224Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
More results


Similar Description - 1088500

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001939 PHOENIX-3001939 Datasheet
167Kb / 16P
Fuse modular terminal block - UK 6-FSI/C-LED60
3035250 PHOENIX-3035250 Datasheet
70Kb / 4P
Fuse modular terminal block - ST 4-FSI/C-LED 48
3062142 PHOENIX-3062142 Datasheet
67Kb / 3P
Fuse modular terminal block - PT 10,3-HESI 1000V
3208964 PHOENIX-3208964 Datasheet
64Kb / 5P
Fuse modular terminal block - PT 4-FSI/F-LED 24
3211861 PHOENIX-3211861 Datasheet
89Kb / 6P
Fuse modular terminal block - PT 4-HESI (5X20)
1088498 PHOENIX-1088498 Datasheet
546Kb / 17P
Fuse modular terminal block - PT 10-FSI/C
01/13/2022
3211874 PHOENIX-3211874 Datasheet
281Kb / 25P
Fuse modular terminal block - PT 6-HESILED 24 (6,3X32)
09/12/2020
3211903 PHOENIX-3211903 Datasheet
281Kb / 24P
Fuse modular terminal block - PT 4-HESILED 24 (5X20)
09/12/2020
1088499 PHOENIX-1088499 Datasheet
915Kb / 34P
Fuse modular terminal block - PT 10-FSI/C-LED 12
Nov 7, 2022
1088501 PHOENIX-1088501 Datasheet
915Kb / 34P
Fuse modular terminal block - PT 10-FSI/C-LED 48
Nov 7, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com