Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1088500 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1088500
Description  Fuse modular terminal block - PT 10-FSI/C-LED 24
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1088500 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1088500 Datasheet HTML 5Page - PHOENIX CONTACT 1088500 Datasheet HTML 6Page - PHOENIX CONTACT 1088500 Datasheet HTML 7Page - PHOENIX CONTACT 1088500 Datasheet HTML 8Page - PHOENIX CONTACT 1088500 Datasheet HTML 9Page - PHOENIX CONTACT 1088500 Datasheet HTML 10Page - PHOENIX CONTACT 1088500 Datasheet HTML 11Page - PHOENIX CONTACT 1088500 Datasheet HTML 12Page - PHOENIX CONTACT 1088500 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Accessories
Note: Applying some accessories below might limit this product.
Plug-in bridge
Plug-in bridge - FBS 5-10 - 3005948
https://www.phoenixcontact.com/us/products/3005948
Plug-in bridge, pitch: 10.2 mm, color: red
Max. current carrying capacity: 57 A
Plug-in bridge
Plug-in bridge - FBS 5-10 BU - 1040620
https://www.phoenixcontact.com/us/products/1040620
Plug-in bridge, pitch: 10.2 mm, color: blue
Max. current carrying capacity: 57 A
Fuse modular terminal block - PT 10-FSI/C-LED 24
1088500
https://www.phoenixcontact.com/us/products/1088500
Nov 7, 2022, 4:56 AM
Page 9 (34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com