Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1602 Datasheet (PDF) - Kinetic Technologies.

AS1602 Datasheet PDF - Kinetic Technologies.
Part # AS1602
Download  AS1602 Download
File Size   159.7 Kbytes
Page   2 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Dual Channel Active EMI & ESD Suppressor for

AS1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1602 Datasheet PDF - Kinetic Technologies.

Part # AS1602
Download  AS1602 Click to download

File Size   159.7 Kbytes
Page   2 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Dual Channel Active EMI & ESD Suppressor for

AS1602 Datasheet (HTML) - Kinetic Technologies.


AS1602 Product details

FEATURES

⚫ Enables system designers to comply with:
− CISPR22 and FCC Part 15, Class B requirements for
Radiated and Conducted Emissions
− IEC 61000-4-3 requirements for Radiated and
Conducted Immunity, Level 3 or higher
− IEC 61000-4-2 ESD (Air Discharge) of ±25kV
− IEC 61000-4-2 ESD (Contact Discharge) of ±12kV
− Cable Discharge Event (CDE) of ±12kV
⚫ Provides up to 10dB of additional common mode noise
suppression over the frequency of 1MHz to 125MHz
when used with Ethernet magnetics
⚫ Robust built-in ESD suppressors protect the Ethernet
PHY and improve system ESD performance
⚫ JESD22-A114, ESD, HBM of ±8kV
⚫ Interfaces to standard Ethernet transformers and
10/100/1000 Ethernet PHYs
⚫ Uses a single standard power rail (3.3V or 2.5V)
⚫ Open drain output stage that can be biased from 1.8V
to 3.3V using transformer center-tap supply as needed
based on choice of Ethernet PHY.
⚫ Flow-through routing for ease of board layout
⚫ Typical power consumption of 90mW.
⚫ Low power mode available
⚫ Industrial temperature range (-40°C to +85°C)

TYPICAL APPLICATIONS

⚫ Ethernet systems requiring additional CM suppression
to meet EMC Class B emissions or higher EMI immunity
requirements and ESD protection
⚫ POE and Non-PoE Ethernet systems
⚫ VoIP Phones, IP Cameras, WAPs, Routers, Switches
⚫ Set Top Boxes, Networked Printers and Appliances,
Desktop and Laptop Computers

GENERAL DESCRIPTION

The AS1602 is a single-chip, highly integrated CMOS
solution for Common Mode (CM) noise suppression &
transient voltage protection in Ethernet applications.
The AS1602 EMI/ESD Suppressor has been architected
and designed to provide system level ESD protection and
EMI suppression in Ethernet products, enabling an easier
path to system EMC compliance.
The AS1602 utilizes Kinetic Technologies’s patented Active
Choke technology which offers superior Common Mode
reduction and immunity compared to passive filtering
techniques in Ethernet applications. The adaptive and
continuous suppression operates over the entire Ethernet
signal bandwidth, and it compensates for many variables
that are the source of common mode noise in Ethernet
systems. It also improves the differential-to-common mode
balance of the system. This enables system designers to
meet EMI emissions and EMI immunity requirements from
the start of the design.
In addition, the AS1602 includes highly robust ESD/Surge
protection diodes to protect the Ethernet PHY from various
transient overvoltage events. These are built using Kinetics'
proprietary design and layout techniques to safely deal with
very high current densities in a CMOS process without
creating voltage and/or thermal overstress that causes
damage to the device.
Each AS1602 supports two twisted pair interfaces. 10/100
applications require one AS1602 device while 10/100/1000
applications require two AS1602 devices. The AS1602 is
available in a small footprint 16-pin QSOP Reduction of
Hazardous Substance (RoHS) compliant package.




Similar Part No. - AS1602

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS160-86 ALPHA-AS160-86 Datasheet
50Kb / 3P
PHEMT GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5-2 GHz
logo
Power-One
AS1601-7R POWER-ONE-AS1601-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results


Similar Description - AS1602

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
California Micro Device...
CM1484 CALMIRCO-CM1484 Datasheet
227Kb / 5P
Dual Channel EMI Filter with ESD Protection
CM1485 CALMIRCO-CM1485 Datasheet
235Kb / 6P
Dual Channel EMI Filter with ESD Protection
logo
ON Semiconductor
CM1484 ONSEMI-CM1484 Datasheet
235Kb / 7P
Dual Channel EMI Filter with ESD Protection
May 2010 ??Rev. 0
CM1485 ONSEMI-CM1485 Datasheet
175Kb / 8P
Dual Channel EMI Filter with ESD Protection
May 2010 ??Rev. 2
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
ESD Suppressor
logo
Eaton All Rights Reserv...
41206ESDA EATON-41206ESDA Datasheet
442Kb / 3P
ESD suppressor four-channel
42510ESDA-TR1 EATON-42510ESDA-TR1 Datasheet
551Kb / 2P
ESD suppressor four-channel
logo
Kinetic Technologies.
KTA1550 KINETIC-KTA1550 Datasheet
157Kb / 4P
Dual Channel Active EMI & ESD Suppressor for Ethernet Applications
August 2022 - Revision 04e
KTA1552 KINETIC-KTA1552 Datasheet
145Kb / 3P
Quad Channel Active EMI & ESD Suppressor for Ethernet Applications
August 2022 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com