Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-27C0130-R-30D Datasheet (PDF) - Bridgelux, Inc.

BXEM-27C0130-R-30D Datasheet PDF - Bridgelux, Inc.
Part # BXEM-27C0130-R-30D
Download  BXEM-27C0130-R-30D Download
File Size   1412.61 Kbytes
Page   27 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Bridgelux® SMD 3030 Series

BXEM-27C0130-R-30D Datasheet (PDF)

Go To PDF Page Download Datasheet
BXEM-27C0130-R-30D Datasheet PDF - Bridgelux, Inc.

Part # BXEM-27C0130-R-30D
Download  BXEM-27C0130-R-30D Click to download

File Size   1412.61 Kbytes
Page   27 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Bridgelux® SMD 3030 Series

BXEM-27C0130-R-30D Datasheet (HTML) - Bridgelux, Inc.


BXEM-27C0130-R-30D Product details

Features
• Competitive efficacy and lumen per dollar
• Industry-standard 3030 footprint
• Excellent color maintenance
• 9 bin color control enables tight color control
• Superior luminous flux at maximum current for reduced LED count
• Hot-color targeting ensures that color is within the ANSI bin at the typical application conditions of 85°C
• Enables 3- and 5-step MacAdam ellipse custom binning kits
• RoHS compliant and Lead free
• Multiple CCT and CRI configurations for a wide range of lighting applications

Benefits
• Lower operating and manufacturing cost
• Ease of design and rapid go-to-market
• Uniform consistent white light
• Reliable and constant white point
• Environmentally friendly, complies with standards
• Design flexibility




Similar Part No. - BXEM-27C0130-R-30D

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
BXEM-27S-13H-9D-00-0-0 BRIDGELUX-BXEM-27S-13H-9D-00-0-0 Datasheet
947Kb / 22P
SMD 3030 1.5w 9v Thrive
03/2023
More results


Similar Description - BXEM-27C0130-R-30D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
Bridgelux RS Array Series
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
Bridgelux ES Star Array Series
BXRA-56C5300 ETC2-BXRA-56C5300 Datasheet
1Mb / 28P
Bridgelux RS Array Series
logo
Cree, Inc
JB30303-V CREE-JB30303-V Datasheet
3Mb / 34P
Cree J Series 3030 LEDs
logo
Seoul Semiconductor
STFRC12B SEOUL-STFRC12B Datasheet
973Kb / 18P
Horticulture ??3030 series
STDRC12B SEOUL-STDRC12B Datasheet
974Kb / 18P
Horticulture ??3030 series
logo
Bridgelux, Inc.
DS484 BRIDGELUX-DS484 Datasheet
405Kb / 16P
Bridgelux® Pallas-A Single Channel 46W (0-10V) Linear Driver
Rev. A 08/2022
DS485 BRIDGELUX-DS485 Datasheet
432Kb / 16P
Bridgelux® Pallas-A Single Channel 40W (0-10V) Linear Driver
Rev. A 08/2022
DS486 BRIDGELUX-DS486 Datasheet
436Kb / 16P
Bridgelux® Pallas-A Single Channel 60W (0-10V) Linear Driver
Rev. A 08/2022
SMD2835 BRIDGELUX-SMD2835 Datasheet
1Mb / 23P
Bridgelux® SMD 2835 0.2W 3V
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com