Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-27C0130-R-30D Datasheet(PDF) 10 Page - Bridgelux, Inc.

Part # BXEM-27C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-27C0130-R-30D Datasheet(HTML) 10 Page - Bridgelux, Inc.

Back Button BXEM-27C0130-R-30D Datasheet HTML 6Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 7Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 8Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 9Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 10Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 11Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 12Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 13Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 14Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Performance at Commonly Used Drive Currents
8
Table 3: Performance at Commonly Used Drive Currents (Continued)
Part Number
CRI
Drive
Current1
(mA)
Typical V
f
T
sp = 25°C
(V)
Typical Power
T
sp = 25°C
(W)
Typical
Flux2
T
sp = 25°C
(lm)
Typical
DC Flux3
T
sp = 85°C
(lm)
Typical
Efficacy
(lm/W)
BXEM-65C0000-0-000
70
30
5.5
0.2
30
27
185
60
5.7
0.3
59
53
172
100
6.0
0.6
94
82
157
150
6.25
0.9
133
113
142
200
6.5
1.3
168
138
129
240
6.7
1.6
193
152
120
BXEM-65E0000-0-000
80
30
5.5
0.2
29
25
175
60
5.7
0.3
56
49
163
100
6.0
0.6
89
76
149
150
6.25
0.9
126
105
134
200
6.5
1.3
159
127
122
240
6.7
1.6
183
141
114
BXEM-65G0000-0-000
90
30
5.5
0.2
25
22
150
60
5.7
0.3
48
43
140
100
6.0
0.6
76
67
128
150
6.25
0.9
108
92
115
200
6.5
1.3
137
112
105
240
6.7
1.6
157
124
97
Notes for Table 3:
1. Alternate drive currents in Table 3 are provided for reference only and are not a guarantee of performance.
2. Bridgelux maintains a ± 7.5% tolerance on flux measurements.
3. Typical stabilized DC performance values are provided as reference only and are not a guarantee of performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com