Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFLDV Datasheet (PDF) - Abracon Corporation

ASFLDV Datasheet PDF - Abracon Corporation
Part # ASFLDV
Download  ASFLDV Download
File Size   1012.99 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR

ASFLDV Datasheet (PDF)

Go To PDF Page Download Datasheet
ASFLDV Datasheet PDF - Abracon Corporation

Part # ASFLDV
Download  ASFLDV Click to download

File Size   1012.99 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR

ASFLDV Datasheet (HTML) - Abracon Corporation


ASFLDV Product details

Features
• Continuous Vdd operation from 1.6 V ~ 3.63 V
• Optimized for low current consumption
• Output Enable/Start & Disable/Stop function
• Output waveform CMOS/HCMOS/LVCMOS compatible
• Hermetically seam-sealed ceramic package

Applications
• Portable & wearable electronics
• Internet of Things (IoT)
• Consumer electronics
• Industrial control & automation
• Mobile communication




Similar Part No. - ASFLDV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFL ABRACON-ASFL Datasheet
99Kb / 1P
5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
ASFL1 ABRACON-ASFL1 Datasheet
99Kb / 1P
5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
ASFL1 ABRACON-ASFL1 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
More results


Similar Description - ASFLDV

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VC-FXO-35F KSS-VC-FXO-35F Datasheet
170Kb / 1P
Voltage Controlled SMD Crystal Oscillator
logo
ECS, Inc.
ECS-VX0-97 ECS-ECS-VX0-97 Datasheet
341Kb / 1P
SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JV75-5.0V JAUCH-JV75-5.0V Datasheet
216Kb / 2P
SMD Voltage Control Crystal Oscillator
JV75-3.3V JAUCH-JV75-3.3V Datasheet
218Kb / 2P
SMD Voltage Control Crystal Oscillator
JV53-5.0V JAUCH-JV53-5.0V Datasheet
151Kb / 2P
SMD Voltage Control Crystal Oscillator
logo
TEMEX
RVX2520P TEMEX-RVX2520P Datasheet
592Kb / 7P
SMD Voltage Controlled Crystal Oscillator
RVX5032P TEMEX-RVX5032P Datasheet
621Kb / 8P
SMD Voltage Control Crystal Oscillator
RVX7050R TEMEX-RVX7050R Datasheet
631Kb / 8P
SMD Voltage Controlled Crystal Oscillator
RVX7050X TEMEX-RVX7050X Datasheet
523Kb / 7P
SMD Voltage Controlled Crystal Oscillator
logo
Abracon Corporation
ASVDV ABRACON-ASVDV Datasheet
1,022Kb / 7P
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
10-26-22
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com