Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVDV Datasheet (PDF) - Abracon Corporation

ASVDV Datasheet PDF - Abracon Corporation
Part # ASVDV
Download  ASVDV Download
File Size   1022.47 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR

ASVDV Datasheet (PDF)

Go To PDF Page Download Datasheet
ASVDV Datasheet PDF - Abracon Corporation

Part # ASVDV
Download  ASVDV Click to download

File Size   1022.47 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR

ASVDV Datasheet (HTML) - Abracon Corporation


ASVDV Product details

Features
• Continuous Vdd operation from 1.6 V ~ 3.63 V
• Optimized for low current consumption
• Output Enable/Start & Disable/Stop function
• Output waveform CMOS/HCMOS/LVCMOS compatible
• Hermetically seam-sealed ceramic package

Applications
• Portable & wearable electronics
• Internet of Things (IoT)
• Consumer electronics
• Industrial control & automation
• Mobile communication




Similar Part No. - ASVDV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASV ABRACON-ASV Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV1 ABRACON-ASV1 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
More results


Similar Description - ASVDV

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VC-FXO-35F KSS-VC-FXO-35F Datasheet
170Kb / 1P
Voltage Controlled SMD Crystal Oscillator
logo
ECS, Inc.
ECS-VX0-97 ECS-ECS-VX0-97 Datasheet
341Kb / 1P
SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JV75-5.0V JAUCH-JV75-5.0V Datasheet
216Kb / 2P
SMD Voltage Control Crystal Oscillator
JV75-3.3V JAUCH-JV75-3.3V Datasheet
218Kb / 2P
SMD Voltage Control Crystal Oscillator
JV53-5.0V JAUCH-JV53-5.0V Datasheet
151Kb / 2P
SMD Voltage Control Crystal Oscillator
logo
TEMEX
RVX2520P TEMEX-RVX2520P Datasheet
592Kb / 7P
SMD Voltage Controlled Crystal Oscillator
RVX5032P TEMEX-RVX5032P Datasheet
621Kb / 8P
SMD Voltage Control Crystal Oscillator
RVX7050R TEMEX-RVX7050R Datasheet
631Kb / 8P
SMD Voltage Controlled Crystal Oscillator
RVX7050X TEMEX-RVX7050X Datasheet
523Kb / 7P
SMD Voltage Controlled Crystal Oscillator
logo
Abracon Corporation
ASFLDV ABRACON-ASFLDV Datasheet
1,012Kb / 7P
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
10-26-22
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com