Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO2036 Datasheet (PDF) - Diodes Incorporated

DPO2036 Datasheet PDF - Diodes Incorporated
Part # DPO2036
Download  DPO2036 Download
File Size   1080.78 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-CH OVER-VOLTAGE PROTECTION FOR CC/SBU PINS ON USB TYPE-C

DPO2036 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPO2036 Datasheet PDF - Diodes Incorporated

Part # DPO2036
Download  DPO2036 Click to download

File Size   1080.78 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-CH OVER-VOLTAGE PROTECTION FOR CC/SBU PINS ON USB TYPE-C

DPO2036 Datasheet (HTML) - Diodes Incorporated


DPO2036 Product details

Features
Operating Voltage Range: 2.7V to 5.5V
4-Channel Over-Voltage Protection with Auto-Recovery
RDS(ON) of OVP MOSFET for CC-Pin Protection: 350mΩ Typical
RDS(ON) of OVP MOSFET for SBU-Pin Protection: 5Ω Typical
CIN of OVP MOSFET for CC-Pin Protection: 50pF
CIN of OVP MOSFET for SBU-Pin Protection: 5pF
Dead Battery Support for CC Lines
Built-In Over-Temperature Protection
IEC61000-4-2 ESD Protection on CC1C, CC2C, SBU1C,
SBU2C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control




Similar Part No. - DPO2036

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPO2039 DIODES-DPO2039 Datasheet
1Mb / 13P
4-CH OVER-VOLTAGE PROTECTION FOR CC/DIFF PINS ON USB TYPE-C
May 2020
DPO2039DAB-13 DIODES-DPO2039DAB-13 Datasheet
1Mb / 13P
4-CH OVER-VOLTAGE PROTECTION FOR CC/DIFF PINS ON USB TYPE-C
May 2020
DPO2039DABQ-13 DIODES-DPO2039DABQ-13 Datasheet
1Mb / 13P
4-CH OVER-VOLTAGE PROTECTION FOR CC/DIFF PINS ON USB TYPE-C
December 2019 Rev. 1 - 2
More results


Similar Description - DPO2036

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB251 ONSEMI-FUSB251 Datasheet
322Kb / 19P
Type-C CC and SBU Protection IC
February, 2019 ??Rev. 0
logo
NXP Semiconductors
NX20P0407 NXP-NX20P0407 Datasheet
496Kb / 18P
USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
logo
Kinetic Technologies.
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
KTU1108 KINETIC-KTU1108 Datasheet
576Kb / 12P
USB Type-C Protector for CC Pins
July 2020 - Revision 04c
KTU1120 KINETIC-KTU1120 Datasheet
147Kb / 2P
USB Type-C Port Protector for CC and SBU Pins
August 2021 - Revision 04a
KTU1121 KINETIC-KTU1121 Datasheet
704Kb / 19P
USB Type-C Port Protector for CC and SBU Pins
December 2021 - Revision 04b
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1131 KINETIC-KTU1131 Datasheet
571Kb / 15P
USB Type-C Port Protector for CC, SBU and D/- Pins
May 2022 - Revision 04d
logo
Diodes Incorporated
DPO2039 DIODES-DPO2039 Datasheet
1Mb / 13P
4-CH OVER-VOLTAGE PROTECTION FOR CC/DIFF PINS ON USB TYPE-C
May 2020
logo
Rohm
BD93F50MWV ROHM-BD93F50MWV Datasheet
1Mb / 21P
High Voltage Protection of CC Pins USB Type-C Power Delivery Controller
10.Jul.2020 Rev.001
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com