Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO2039 Datasheet (PDF) - Diodes Incorporated

DPO2039 Datasheet PDF - Diodes Incorporated
Part # DPO2039
Download  DPO2039 Download
File Size   1046.18 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-CH OVER-VOLTAGE PROTECTION FOR CC/DIFF PINS ON USB TYPE-C

DPO2039 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPO2039 Datasheet PDF - Diodes Incorporated

Part # DPO2039
Download  DPO2039 Click to download

File Size   1046.18 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-CH OVER-VOLTAGE PROTECTION FOR CC/DIFF PINS ON USB TYPE-C

DPO2039 Datasheet (HTML) - Diodes Incorporated


DPO2039 Product details

Features
Operating Voltage Range: 2.7V to 5.5V
4-Channel Over-Voltage Protection with Auto-Recovery
IEC 61000-4-2 ESD Protection over CCxC and DIFFxC Pins
RDS(ON) of OVP MOSFET for CC-Pin Protection: 300mΩ Typical
RDS(ON) of OVP MOSFET for DIFF-Pin Protection: 5Ω Typical
CIN of OVP MOSFET for CC-Pin Protection: 50pF
CIN of OVP MOSFET for DIFF-Pin Protection: 5pF
Built-In Over-Temperature Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
For automotive applications requiring specific change
control




Similar Part No. - DPO2039

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPO2039DABQ-13 DIODES-DPO2039DABQ-13 Datasheet
1Mb / 13P
4-CH OVER-VOLTAGE PROTECTION FOR CC/DIFF PINS ON USB TYPE-C
December 2019 Rev. 1 - 2
More results


Similar Description - DPO2039

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX20P0477 NXP-NX20P0477 Datasheet
315Kb / 24P
USB Type-C CC smart protection
Rev. 1.0-3 February 2020
logo
Kinetic Technologies.
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
KTU1108 KINETIC-KTU1108 Datasheet
576Kb / 12P
USB Type-C Protector for CC Pins
July 2020 - Revision 04c
KTU1120 KINETIC-KTU1120 Datasheet
147Kb / 2P
USB Type-C Port Protector for CC and SBU Pins
August 2021 - Revision 04a
KTU1121 KINETIC-KTU1121 Datasheet
704Kb / 19P
USB Type-C Port Protector for CC and SBU Pins
December 2021 - Revision 04b
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
logo
Diodes Incorporated
DPO2036 DIODES-DPO2036 Datasheet
1Mb / 14P
4-CH OVER-VOLTAGE PROTECTION FOR CC/SBU PINS ON USB TYPE-C
July 2020
logo
Rohm
BD93F10MWV ROHM-BD93F10MWV Datasheet
1Mb / 21P
High Voltage Protection of CC Pins USB Type-C Power Delivery Controller
02.Apr.2020 Rev.001
BD93F50MWV ROHM-BD93F50MWV Datasheet
1Mb / 21P
High Voltage Protection of CC Pins USB Type-C Power Delivery Controller
10.Jul.2020 Rev.001
BD93F12MWV ROHM-BD93F12MWV Datasheet
1Mb / 21P
High Voltage Protection of CC Pins USB Type-C Power Delivery Controller
15.Jun.2023 Rev.001
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com