Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DBS3224 Datasheet (PDF) - Diodes Incorporated

PI3DBS3224 Datasheet PDF - Diodes Incorporated
Part # PI3DBS3224
Download  PI3DBS3224 Download
File Size   1124.89 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V High Speed 2 : 4 Differential Mux/Demux

PI3DBS3224 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3DBS3224 Datasheet PDF - Diodes Incorporated

Part # PI3DBS3224
Download  PI3DBS3224 Click to download

File Size   1124.89 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V High Speed 2 : 4 Differential Mux/Demux

PI3DBS3224 Datasheet (HTML) - Diodes Incorporated


PI3DBS3224 Product details

Features
ÎÎ2:4 Differential Multiplexer/Demultiplexer
ÎÎBidirectional Operation
ÎÎCan be used in
àà Single 1:4 Configuration
àà Dual 1:2 Configuration
àà Fan out 1:2 Configuration
ÎÎHigh BW (1.2 GHz Typ)
ÎÎLow RON and CON:
àà 13 Ω RON Typ
àà 9 pF CON Typ
ÎÎESD Performance (I/O Pins)
àà ±8-kV Contact Discharge (IEC61000-4-2)
àà 2-kV Human Body Model per JESD22-A114E (to GND)
ÎÎESD Performance (All Pins)
àà 2-kV Human Body Model per JESD22-A114E
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
ÎÎPackage: 20-pin (TQFN) (3 x 3 mm, 0.4 mm pitch)




Similar Part No. - PI3DBS3224

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3DBS3224 PERICOM-PI3DBS3224 Datasheet
1Mb / 10P
3.3V High Speed 2 : 4 Differential Mux/Demux
PI3DBS3224ZNAE PERICOM-PI3DBS3224ZNAE Datasheet
1Mb / 10P
3.3V High Speed 2 : 4 Differential Mux/Demux
More results


Similar Description - PI3DBS3224

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3V253 VAISH-VS3V253 Datasheet
63Kb / 6P
High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
VS3V257 VAISH-VS3V257 Datasheet
60Kb / 6P
High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
logo
Pericom Semiconductor C...
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Texas Instruments
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
logo
Pericom Semiconductor C...
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3DBS3224 PERICOM-PI3DBS3224 Datasheet
1Mb / 10P
3.3V High Speed 2 : 4 Differential Mux/Demux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com