Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3PCIE3442A Datasheet (PDF) - Diodes Incorporated

PI3PCIE3442A Datasheet PDF - Diodes Incorporated
Part # PI3PCIE3442A
Download  PI3PCIE3442A Download
File Size   1448.4 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V PCI Express® 3.0 2-Lane Exchange Switch

PI3PCIE3442A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3PCIE3442A Datasheet PDF - Diodes Incorporated

Part # PI3PCIE3442A
Download  PI3PCIE3442A Click to download

File Size   1448.4 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V PCI Express® 3.0 2-Lane Exchange Switch

PI3PCIE3442A Datasheet (HTML) - Diodes Incorporated


PI3PCIE3442A Product details

Features
ÎÎ8 Differential Channel (2-lane) Exchange
ÎÎPCI Express® 3.0 performance, 8.0 Gbps
ÎÎBi-directional operation
ÎÎLow Bit-to-Bit Skew: 10ps (between ± signals)
ÎÎLow Crosstalk: -29dB @ 2.5GHz (5Gbps)
-20dB @ 4.0GHz (8Gbps)
ÎÎLow Insertion Loss: -1.1dB @ 2.5GHz (5Gbps)
-1.45dB @ 4.0GHz (8Gbps)
ÎÎVDD Operating Range: 3.3V ±10%
ÎÎIndustrial Temperature Range: -40oC to 85oC
ÎÎESD Tolerance: 2kV HBM
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎPackaging (Pb-free & Green):
àà 42-contact, TQFN (ZH42), 3.5x9mm.
àà 40-contact, TQFN (ZL40), 3x6mm.




Similar Part No. - PI3PCIE3442A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3442 PERICOM-PI3PCIE3442 Datasheet
1Mb / 13P
3.3V PCI Express 3.0 2-Lane Exchange Switch
PI3PCIE3442ZHE PERICOM-PI3PCIE3442ZHE Datasheet
1Mb / 13P
3.3V PCI Express 3.0 2-Lane Exchange Switch
PI3PCIE3442ZLE PERICOM-PI3PCIE3442ZLE Datasheet
1Mb / 13P
3.3V PCI Express 3.0 2-Lane Exchange Switch
More results


Similar Description - PI3PCIE3442A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
PCI Express 2.0, 2-lane Exchange Switch
PI3PCIE3242 PERICOM-PI3PCIE3242 Datasheet
1,003Kb / 10P
3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3442 PERICOM-PI3PCIE3442 Datasheet
1Mb / 13P
3.3V PCI Express 3.0 2-Lane Exchange Switch
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
logo
Renesas Technology Corp
PES16NT2 RENESAS-PES16NT2 Datasheet
1Mb / 30P
16-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
PES8NT2 RENESAS-PES8NT2 Datasheet
1Mb / 29P
8-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
4-Lane 4-Port PCI Express® Switch
June 12, 2014
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
34-Lane 16-Port PCI Express® Switch
October 3, 2011
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com