Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89HPES4T4 Datasheet (PDF) - Renesas Technology Corp

89HPES4T4 Datasheet PDF - Renesas Technology Corp
Part # 89HPES4T4
Download  89HPES4T4 Download
File Size   559.98 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Lane 4-Port PCI Express® Switch

89HPES4T4 Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES4T4 Datasheet PDF - Renesas Technology Corp

Part # 89HPES4T4
Download  89HPES4T4 Click to download

File Size   559.98 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Lane 4-Port PCI Express® Switch

89HPES4T4 Datasheet (HTML) - Renesas Technology Corp


89HPES4T4 Product details

Features
 High Performance PCI Express Switch
– Four 2.5 Gbps PCI Express lanes
– Four switch ports
– x1 Upstream port
– Three x1 Downstream ports
– Low latency cut-through switch architecture
– Support for Max payload sizes up to 256 bytes
– One virtual channel
– Eight traffic classes
– PCI Express Base Specification Revision 1.1 compliant
 Flexible Architecture with Numerous Configuration Options
– Automatic lane reversal on all ports
– Automatic polarity inversion on all lanes
– Ability to load device configuration from serial EEPROM
 Legacy Support
– PCI compatible INTx emulation
– Bus locking
 Highly Integrated Solution
– Requires no external components
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates four 2.5 Gbps embedded SerDes with 8B/10B
encoder/decoder (no separate transceivers needed)
 Reliability, Availability, and Serviceability (RAS) Features
– Internal end-to-end parity protection on all TLPs ensures data
integrity even in systems that do not implement end-to-end
CRC (ECRC)
– Supports ECRC and Advanced Error Reporting
– Supports PCI Express Native Hot-Plug, Hot-Swap capable I/O
– Compatible with Hot-Plug I/O expanders used on PC motherboards
 Power Management
– Utilizes advanced low-power design techniques to achieve low
typical power consumption
– Supports PCI Power Management Interface specification (PCIPM
1.2)
– Unused SerDes are disabled.
– Supports Advanced Configuration and Power Interface Specification,
Revision 2.0 (ACPI) supporting active link state
 Testability and Debug Features
– Built in Pseudo-Random Bit Stream (PRBS) generator
– Numerous SerDes test modes
– Ability to bypass link training and force any link into any mode
– Provides statistics and performance counters




Similar Part No. - 89HPES4T4

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
4-Lane 4-Port PCI Express Switch
89HPES4T4G2 IDT-89HPES4T4G2 Datasheet
698Kb / 30P
Support for Max Payload Size up to 2Kbytes
logo
Renesas Technology Corp
89HPES4T4G2 RENESAS-89HPES4T4G2 Datasheet
892Kb / 31P
4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
89HPES4T4G2ZCAL RENESAS-89HPES4T4G2ZCAL Datasheet
892Kb / 31P
4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
89HPES4T4G2ZCALG RENESAS-89HPES4T4G2ZCALG Datasheet
892Kb / 31P
4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
More results


Similar Description - 89HPES4T4

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES16T4G2 IDT-89HPES16T4G2 Datasheet
570Kb / 32P
16-Lane 4-Port Gen2 PCI Express Switch
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
4-Lane 4-Port PCI Express Switch
logo
PLX Technology
PEX8604 PLX-PEX8604 Datasheet
858Kb / 4P
Flexible & Versatile 4-lane 4-port PCI Express Switch
logo
Renesas Technology Corp
PES10T4BG2 RENESAS-PES10T4BG2 Datasheet
1Mb / 32P
10-Lane 4-Port Gen2 PCI Express® Switch
February 2, 2010
PES10T4G2 RENESAS-PES10T4G2 Datasheet
478Kb / 31P
10-Lane 4-Port Gen2 PCI Express® Switch
May 10, 2016
89HPES4T4G2 RENESAS-89HPES4T4G2 Datasheet
892Kb / 31P
4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
89HPES16T4 RENESAS-89HPES16T4 Datasheet
983Kb / 32P
16-Lane 4-Port PCI Express® Switch
March 25, 2008
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com