Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFH2162-P1 Datasheet (PDF) - Mimix Broadband

CFH2162-P1 Datasheet PDF - Mimix Broadband
Part # CFH2162-P1
Download  CFH2162-P1 Download
File Size   412.09 Kbytes
Page   3 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 800 to 900 MHz 36 dBm Power GaAs FET

CFH2162-P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFH2162-P1 Datasheet PDF - Mimix Broadband

Part # CFH2162-P1
Download  CFH2162-P1 Click to download

File Size   412.09 Kbytes
Page   3 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 800 to 900 MHz 36 dBm Power GaAs FET

CFH2162-P1 Datasheet (HTML) - Mimix Broadband


CFH2162-P1 Product details

Description
The CFH2162-P1 is a high-gain, linear FET intended for driver amplifier applications in high-power systems, and output stage usage in medium power applications at power levels up to +36 dBm. The device is easily matched and provides excellent linearity at 4 Watts. Manufactured in Mimix’s power FET process, this device is assembled in a power flange package.

Features
➤ High Gain
➤ +36 dBm Power Output
➤ Proprietary Power FET Process
➤ >45% Linear Power Added Efficiency
➤ +33 dBm with 30 dBc Third Order Products

Applications
➤ ISM Band Base Stations
➤ Cellular Base Stations
➤ Wireless Local Loop




Similar Part No. - CFH2162-P1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
414Kb / 2P
800-900 MHz 36 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
239Kb / 2P
36 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
800-900 MHz 36 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_09 Datasheet
239Kb / 2P
36 dBm Power GaAs FET
More results


Similar Description - CFH2162-P1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3 Datasheet
411Kb / 3P
1.8 to 2.0 GHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
800 to 900 MHz 34 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
800-900 MHz 36 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
2.3 to 2.5 GHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
800-900 MHz 34 dBm Power GaAs FET
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
Low Power 700/800/900 MHz
logo
Mimix Broadband
CFH2162-P1 MIMIX-CFH2162-P1_09 Datasheet
239Kb / 2P
36 dBm Power GaAs FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com