Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFK2162-P1 Datasheet (PDF) - Mimix Broadband

CFK2162-P1 Datasheet PDF - Mimix Broadband
Part # CFK2162-P1
Download  CFK2162-P1 Download
File Size   263.23 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 800 to 900 MHz 34 dBm Power GaAs FET

CFK2162-P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFK2162-P1 Datasheet PDF - Mimix Broadband

Part # CFK2162-P1
Download  CFK2162-P1 Click to download

File Size   263.23 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 800 to 900 MHz 34 dBm Power GaAs FET

CFK2162-P1 Datasheet (HTML) - Mimix Broadband


CFK2162-P1 Product details

Description
The CFK2162-P1 is a high-gain FET intended for driver amplifier applications in high-power systems, and output stage usage in medium power applications at power levels up to +34 dBm. The device is easily matched and provides excellent linearity at 2 Watts. Manufactured in Mimix’s power FET process, this device is assembled in an industry standard surface mount SO-8 power package that is compatible with high volume, automated board assembly techniques.

Features
➤ High Gain
➤ +34 dBm Power Output
➤ Proprietary Power FET Process
➤ >45% Linear Power Added Efficiency
➤ +29 dBm with 30 dBc Third Order Products
➤ Surface Mount SO-8 Power Package

Applications
➤ ISM Band Base Stations and Terminals
➤ Cellular Base Stations and Terminals
➤ Wireless Local Loop




Similar Part No. - CFK2162-P1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
470Kb / 4P
800-900 MHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
314Kb / 5P
0.8-1.0 GHz 34 dBm Power GaAs FET
CFK2162-P1-000T MIMIX-CFK2162-P1-000T Datasheet
470Kb / 4P
800-900 MHz 34 dBm Power GaAs FET
CFK2162-P1-000T MIMIX-CFK2162-P1-000T Datasheet
314Kb / 5P
0.8-1.0 GHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
800-900 MHz 34 dBm Power GaAs FET
More results


Similar Description - CFK2162-P1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
412Kb / 3P
800 to 900 MHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
800-900 MHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
800-900 MHz 34 dBm Power GaAs FET
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_07 Datasheet
314Kb / 5P
0.8-1.0 GHz 34 dBm Power GaAs FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com