Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH6916 Datasheet (PDF) - Vishay Siliconix

SFH6916 Datasheet PDF - Vishay Siliconix
Part # SFH6916
Download  SFH6916 Download
File Size   326.93 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package

SFH6916 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6916 Datasheet PDF - Vishay Siliconix

Part # SFH6916
Download  SFH6916 Click to download

File Size   326.93 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package

SFH6916 Datasheet (HTML) - Vishay Siliconix


SFH6916 Product details

DESCRIPTION
The SFH6916 has a GaAs infrared emitter, which is optically
coupled to a silicon planar phototransistor detector, and
is incorporated in a 16 pin 50 mil lead pitch miniflat
package. It features a high current transfer ratio, low
coupling capacitance, and high isolation voltage.
The coupling devices are designed for signal transmission
between two electrically separated circuits.

FEATURES
• SSOP (shrink small outline package)
• Isolation test voltage, 3750 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End stackable, 0.050" (1.27 mm) spacing
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

AGENCY APPROVALS
• UL1577
• cUL
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• BSI
• CQC GB4943.1-2011
• CQC GB8898-2011 (suitable for installation altitude below
2000 m)
• CSA
• FIMKO




Similar Part No. - SFH6916

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6916 VISHAY-SFH6916 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
16-May-08
SFH6916 VISHAY-SFH6916 Datasheet
140Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
12-Apr-13
SFH6916 VISHAY-SFH6916 Datasheet
327Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
SFH6916 VISHAY-SFH6916_08 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
16-May-08
SFH6916 VISHAY-SFH6916_V02 Datasheet
327Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
More results


Similar Description - SFH6916

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6916 VISHAY-SFH6916_08 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
16-May-08
SFH6916 VISHAY-SFH6916 Datasheet
140Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
12-Apr-13
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
VOS617A VISHAY-VOS617A_14 Datasheet
155Kb / 9P
Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
VOS627A VISHAY-VOS627A_14 Datasheet
155Kb / 9P
Optocoupler, Phototransistor Output, AC Input, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
VOS617A VISHAY-VOS617A_V01 Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
VOS617A VISHAY-VOS617A_V02 Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
SFH6916 VISHAY-SFH6916_V02 Datasheet
327Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com