Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH6916 Datasheet (PDF) - Vishay Siliconix

SFH6916 Datasheet PDF - Vishay Siliconix
Part # SFH6916
Download  SFH6916 Download
File Size   140.32 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package

SFH6916 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6916 Datasheet PDF - Vishay Siliconix

Part # SFH6916
Download  SFH6916 Click to download

File Size   140.32 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package

SFH6916 Datasheet (HTML) - Vishay Siliconix


SFH6916 Product details

• SOP (small outline package)
• Isolation test voltage, 3750 VRMS (1.0 s)
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End stackable, 0.050" (1.27 mm) spacing




Similar Part No. - SFH6916

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6916 VISHAY-SFH6916 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
16-May-08
SFH6916 VISHAY-SFH6916 Datasheet
326Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
SFH6916 VISHAY-SFH6916 Datasheet
327Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
SFH6916-X001 VISHAY-SFH6916-X001 Datasheet
326Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
SFH6916T VISHAY-SFH6916T Datasheet
326Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
More results


Similar Description - SFH6916

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
03-Dec-04
TCLT1100 VISHAY-TCLT1100 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
09-Jan-08
SFH6916 VISHAY-SFH6916_08 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
16-May-08
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
20-Apr-04
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
16-May-13
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
SFH6916 VISHAY-SFH6916_V01 Datasheet
326Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
SFH6916 VISHAY-SFH6916_V02 Datasheet
327Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com