Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCMT4100 Datasheet (PDF) - Vishay Siliconix

TCMT4100 Datasheet PDF - Vishay Siliconix
Part # TCMT4100
Download  TCMT4100 Download
File Size   336.13 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package

TCMT4100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCMT4100 Datasheet PDF - Vishay Siliconix

Part # TCMT4100
Download  TCMT4100 Click to download

File Size   336.13 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package

TCMT4100 Datasheet (HTML) - Vishay Siliconix


TCMT4100 Product details

DESCRIPTION
The TCMT410. series consist of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
16 pin (quad channel) package.

FEATURES
• Low profile package (half pitch)
• AC isolation test voltage 3750 VRMS
• Low coupling capacitance of typical 0.3 pF
• Current transfer ratio (CTR) selected into groups
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Programmable logic controllers
• Modems
• Answering machines
• General applications

AGENCY APPROVALS
Safety application model number covering all products in
this datasheet is TCMT4100. This model number should be
used when consulting safety agency documents.
• UL1577, file no. E76222, double protection
• cUL, accordance to CSA component acceptance service
no. 5A, double protection
• DIN EN 60747-5-5 (VDE 0884-5)
• FIMKO EN 60950-1
• CQC GB4943.1-2011 and GB8898-2011 (suitable for
installation altitude below 2000 m)




Similar Part No. - TCMT4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT4100 VISHAY-TCMT4100 Datasheet
462Kb / 12P
Optocoupler with Phototransistor Output
15-Dec-00
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT4100 VISHAY-TCMT4100 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT4100T0 VISHAY-TCMT4100T0 Datasheet
339Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
More results


Similar Description - TCMT4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6916 VISHAY-SFH6916_08 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
16-May-08
TCMT4106 VISHAY-TCMT4106 Datasheet
135Kb / 7P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
23-May-13
TCMT111X VISHAY-TCMT111X Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
23-May-13
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
TCMT111 VISHAY-TCMT111 Datasheet
158Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
SFH6916 VISHAY-SFH6916 Datasheet
140Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
12-Apr-13
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
SFH6916 VISHAY-SFH6916_V01 Datasheet
326Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
SFH6916 VISHAY-SFH6916_V02 Datasheet
327Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com