Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO615C Datasheet (PDF) - Vishay Siliconix

VO615C Datasheet PDF - Vishay Siliconix
Part # VO615C
Download  VO615C Download
File Size   150.57 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS

VO615C Datasheet (PDF)

Go To PDF Page Download Datasheet
VO615C Datasheet PDF - Vishay Siliconix

Part # VO615C
Download  VO615C Click to download

File Size   150.57 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS

VO615C Datasheet (HTML) - Vishay Siliconix


VO615C Product details

DESCRIPTION
The 110 °C rated VO615C series feature a high current
transfer ratio, low coupling capacitance and high isolation
voltage. These couplers have a GaAs infrared diode emitter,
which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.

FEATURES
• Copper lead-frame
• Operating temperature from -55 °C to +110 °C
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 80 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• AC adapters
• SMPS
• PLC
• Factory automation
• Game consoles

AGENCY APPROVALS
The safety application model number covering all products
in this datasheet is VO615C. This model number should be
used when consulting safety agency documents.
• UL1577, file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884), available with option 1
• FIMKO EN60065 and EN60950-1, file no. FI 27409
• CQC GB8898-2001




Similar Part No. - VO615C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615C VISHAY-VO615C Datasheet
153Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO615C VISHAY-VO615C Datasheet
150Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO615C VISHAY-VO615C_V02 Datasheet
150Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
More results


Similar Description - VO615C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-Mar-06
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
28-Oct-14
VO615C VISHAY-VO615C Datasheet
153Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO617C VISHAY-VO617C Datasheet
161Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO618A VISHAY-VO618A_15 Datasheet
222Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
VO617C VISHAY-VO617C_V01 Datasheet
158Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO618A VISHAY-VO618A_V01 Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
VO615C VISHAY-VO615C_V02 Datasheet
150Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO617C VISHAY-VO617C_V02 Datasheet
159Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO618A VISHAY-VO618A_V02 Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com